Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF581 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF581
Description  LVDS Transmitter 24-Bit Color Flat Panel Display (FPD) Link
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF581 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90CF581 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF581 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF581 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF581 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF581 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF581 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF581 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF581 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF581 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3 to +6V
CMOS/TTL Input Voltage
−0.3 to (V
CC + 0.3V)
LVDS Driver Output Voltage
−0.3 to (V
CC + 0.3V)
LVDS Output Short Circuit
Duration
continuous
Junction Temperature
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec.)
+260˚C
Maximum Package Power Dissipation @ +25˚C
MTD56 (TSSOP) Package:
DS90CF581
1.63W
Derate Package:
DS90CF581
12.5 mW/˚C above
+25˚C
This device does not meet 2000V ESD rating. (Note 4)
Recommended Operating
Conditions
Min
Nom
Max
Units
Supply Voltage (V
CC)
4.5
5.0
5.5
V
Operating Free
Air Temperature (T
A)
−10
+25
+70
˚C
Receiver Input Range
0
2.4
V
Supply Noise Voltage (V
CC)
100
mV
P-P
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS/TTL DC SPECIFICATIONS
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
−0.79
−1.5
V
I
IN
Input Current
V
IN = VCC, GND, 2.5V or 0.4V
±5.1
±10
µA
LVDS DRIVER DC SPECIFICATIONS
V
OD
Differential Output Voltage
R
L = 100Ω
250
290
450
mV
∆V
OD
Change in V
OD between
35
mV
Complimentary Output States
V
OS
Offset Voltage (Note 5)
1.1
1.25
1.375
V
∆V
OS
Change in V
OS between
35
mV
Complimentary Output States
V
OH
High Level Output Voltage
1.3
1.6
V
V
OL
Low Level Output Voltage
0.9
1.01
V
I
OS
Output Short Circuit Current
V
OUT = 0V, RL = 100Ω
−2.9
−5
mA
I
OZ
Output TRI-STATE® Current
Power Down = 0V, V
OUT = 0V or VCC
±1
±10
µA
TRANSMITTER SUPPLY CURRENT
I
CCTW
Transmitter Supply Current,
R
L = 100Ω,CL = 5 pF,
f = 32.5 MHz
34
51
mA
Worst Case
Worst Case Pattern
(
Figure 1, Figure 3)
f = 37.5 MHz
36
53
mA
I
CCTG
Transmitter Supply Current,
R
L = 100Ω,CL = 5 pF,
f = 32.5 MHz
27
47
mA
16 Grayscale
Grayscale Pattern
(
Figure 2, Figure 3)
f = 37.5 MHz
28
48
mA
I
CCTZ
Transmitter Supply Current,
Power Down = Low
125
µA
Power Down
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VCC = 5.0V and TA = +25˚C.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground unless otherwise speci-
fied (except VOD and ∆VOD).
Note 4: ESD Rating: HBM (1.5 k
Ω, 100 pF)
PLL VCC ≥ 1000V
All other pins
≥ 2000V
EIAJ (0
Ω, 200 pF) ≥ 150V
Note 5: VOS previously referred as VCM.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com