Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF581 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF581
Description  LVDS Transmitter 24-Bit Color Flat Panel Display (FPD) Link
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF581 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90CF581 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF581 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF581 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF581 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF581 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF581 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF581 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF581 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF581 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Transmitter Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time (
Figure 3)
0.75
1.5
ns
LHLT
LVDS High-to-Low Transition Time (
Figure 3)
0.75
1.5
ns
TCIT
TxCLK IN Transition Time (
Figure 4)8
ns
TCCS
TxOUT Channel-to-Channel Skew (Note 6) (
Figure 5)
350
ps
TPPos0
Transmitter Output Pulse Position for Bit 0 (
Figure 11)f = 20 MHz
−200
150
350
ps
TPPos1
Transmitter Output Pulse Position for Bit 1
6.3
7.2
7.5
ns
TPPos2
Transmitter Output Pulse Position for Bit 2
12.8
13.6
14.6
ns
TPPos3
Transmitter Output Pulse Position for Bit 3
20
20.8
21.5
ns
TPPos4
Transmitter Output Pulse Position for Bit 4
27.2
28
28.5
ns
TPPos5
Transmitter Output Pulse Position for Bit 5
34.5
35.2
35.6
ns
TPPos6
Transmitter Output Pulse Position for Bit 6
42.2
42.6
42.9
ns
TPPos0
Transmitter Output Pulse Position for Bit 0 (
Figure 11)f = 40 MHz
−100
100
300
ps
TPPos1
Transmitter Output Pulse Position for Bit 1
2.9
3.3
3.9
ns
TPPos2
Transmitter Output Pulse Position for Bit 2
6.1
6.6
7.1
ns
TPPos3
Transmitter Output Pulse Position for Bit 3
9.7
10.2
10.7
ns
TPPos4
Transmitter Output Pulse Position for Bit 4
13
13.5
14.1
ns
TPPos5
Transmitter Output Pulse Position for Bit 5
17
17.4
17.8
ns
TPPos6
Transmitter Output Pulse Position for Bit 6
20.3
20.8
21.4
ns
TCIP
TxCLK IN Period (
Figure 6)
25
T
50
ns
TCIH
TxCLK IN High Time (
Figure 6)
0.35T
0.5T
0.65T
ns
TCIL
TxCLK IN Low Time (
Figure 6)
0.35T
0.5T
0.65T
ns
TSTC
TxIN Setup to TxCLK IN (
Figure 6)f = 20 MHz
14
ns
f = 40 MHz
8
ns
THTC
TxIN Hold to TxCLK IN (
Figure 6)
2.5
2
ns
TCCD
TxCLK IN to TxCLK OUT Delay @ 25˚C, V
CC = 5.0V (Figure 7)
5
9.7
ns
TPLLS
Transmitter Phase Lock Loop Set (
Figure 8)10
ms
TPDD
Transmitter Powerdown Delay (
Figure 10)
100
ns
Note 6: This limit based on bench characterization.
AC Timing Diagrams
DS012486-15
FIGURE 1. “WORST CASE” Test Pattern
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com