Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH4011SPS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMNH4011SPS
Description  40V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH4011SPS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMNH4011SPS Datasheet HTML 1Page - Diodes Incorporated DMNH4011SPS Datasheet HTML 2Page - Diodes Incorporated DMNH4011SPS Datasheet HTML 3Page - Diodes Incorporated DMNH4011SPS Datasheet HTML 4Page - Diodes Incorporated DMNH4011SPS Datasheet HTML 5Page - Diodes Incorporated DMNH4011SPS Datasheet HTML 6Page - Diodes Incorporated DMNH4011SPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMNH4011SPS
Document number: DS37401 Rev. 2 - 2
2 of 7
www.diodes.com
April 2016
© Diodes Incorporated
DMNH4011SPS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (VGS = 10V) (Note 6)
TA = +25C
TA = +70C
ID
13
10.8
A
Continuous Drain Current (VGS = 10V) (Note 7)
TC = +25C
ID
80
A
TC = +100°C
57
Maximum Continuous Body Diode Forward Current (Note 7)
IS
80
A
Pulsed Drain Current (10
s pulse, duty cycle = 1%)
IDM
A
Avalanche Current, L = 1mH (Note 8)
IAS
A
Avalanche Energy, L = 1mH (Note 8)
EAS
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation
TA = +25°C
PD
1.5
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
99
°C/W
Total Power Dissipation
TA = +25°C
PD
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RJA
°C/W
Total Power Dissipation (Note 7)
TC = +25°C
PD
W
Thermal Resistance, Junction to Case (Note 7)
RJC
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
40
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
—
—
1
μA
VDS = 40V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(TH)
2
—
4
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
8.5
10
mΩ
VGS = 10V, ID = 20A
Diode Forward Voltage
VSD
—
0.9
1.2
V
VGS = 0V, IS = 20A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
—
1405
—
pF
VDS = 20V, VGS = 0V, f = 1MHz
Output Capacitance
Coss
—
247
—
Reverse Transfer Capacitance
Crss
—
108
—
Gate Resistance
Rg
—
2.2
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
—
25.5
—
nC
VDS = 20V, VGS = 10V, ID = 50A
Gate-Source Charge
Qgs
—
4.6
—
Gate-Drain Charge
Qgd
—
6.9
—
Turn-On Delay Time
tD(ON)
—
4.6
—
ns
VDD = 20V, VGS = 10V,
ID = 50A, RG = 3.5Ω
Turn-On Rise Time
tR
—
3.7
—
Turn-Off Delay Time
tD(OFF)
—
16
—
Turn-Off Fall Time
tF
—
5.1
—
Body Diode Reverse Recovery Time
tRR
—
22.1
—
ns
IF = 50A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
—
13.4
—
nC
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. Thermal resistance from junction to soldering point (on the exposed drain pad).
8. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com