Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH4011SPS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMNH4011SPS
Description  40V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH4011SPS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMNH4011SPS Datasheet HTML 1Page - Diodes Incorporated DMNH4011SPS Datasheet HTML 2Page - Diodes Incorporated DMNH4011SPS Datasheet HTML 3Page - Diodes Incorporated DMNH4011SPS Datasheet HTML 4Page - Diodes Incorporated DMNH4011SPS Datasheet HTML 5Page - Diodes Incorporated DMNH4011SPS Datasheet HTML 6Page - Diodes Incorporated DMNH4011SPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMNH4011SPS
Document number: DS37401 Rev. 2 - 2
4 of 7
www.diodes.com
April 2016
© Diodes Incorporated
DMNH4011SPS
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 7 On-Resistance Variation with Temperature
V
GS = 10V, ID = 50A
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 8 Gate Threshold Variation vs
Temperature
I
D = 250µA
I
D = 1mA
1
8
15
22
29
36
43
50
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9 Diode Forward Voltage vs Current
T
A = -55℃
T
A = 25℃
T
A = 85℃
T
A = 125℃
T
A = 150℃
T
A = 175℃
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10 Typical Junction Capacitance
f = 1MHz
C
iss
C
oss
C
rss
0
2
4
6
8
10
0
3
6
9
12
15
18
21
24
27
Qg (nC)
Figure 11 Gate Charge
V
DS = 20V, ID = 50A
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
T
J(Max) = 175℃
T
A = 25℃
V
GS = 10V
Single Pulse
DUT on 1*MRP Board
R
DS(ON)
Limited
DC
P
W = 100s
P
W = 10s
P
W = 1s
P
W = 100ms
P
W =10ms
P
W = 1ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com