Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7900CPU Datasheet(PDF) 4 Page - Red Lion Controls. Inc

Part # 7900CPU
Description  Modular Industrial Switchwww
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

7900CPU Datasheet(HTML) 4 Page - Red Lion Controls. Inc

  7900CPU Datasheet HTML 1Page - Red Lion Controls. Inc 7900CPU Datasheet HTML 2Page - Red Lion Controls. Inc 7900CPU Datasheet HTML 3Page - Red Lion Controls. Inc 7900CPU Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7900 Series Modular Industrial Ethernet Switch Specifications
PART NUMBER
DESCRIPTION
7900CPU....................................CPU Module with two (2) gigabit SFP ports - transceivers sold separately
9000BP ......................................Five (5) Slot Backplane (requires 7900CPU Module - sold separately)
9006TX.......................................Six (6) 10/100BaseTX Copper Port Slide-in Module
9002FX-XX..................................Two (2) 100BaseFX Mul�mode Fiber Port Slide-in Module
9002FXE-XX-YY...........................Two (2) 100BaseFX Singlemode Fiber Port Slide-in Module
9004FX-XX..................................Four (4) 100BaseFX Mul�mode Fiber Port Slide-in Module
9004FXE-XX-YY...........................Four (4) 100BaseFX Singlemode Fiber Port Slide-in Module
NTSFP-TX ...................................1000BaseT copper SFP pluggable mini-GBIC transceiver (RJ-45 connector)
NTSFP-SX ...................................1000BaseSX mul�mode ber SFP pluggable mini-GBIC transceiver (LC style connector)
NTSFP-LX-ZZ...............................1000BaseLX singlemode ber SFP pluggable mini-GBIC transceiver (LC style connector)
9000B-FP ...................................Filler Panel (required to ll vacant slots)
NTPS-24-5..................................N-Tron DIN-Rail Power Supply (5A @ 24 VDC)
9000-PM....................................Panel Mount Kit
9000-UTA107.............................Metal DIN-Rail Clip (note: one included, can accommodate two (2) addi�onal clips—3 total—for increased stability)
Where:
E = Singlemode
XX = ST or SC connector
YY = 15, 40, or 80 for singlemode, blank for mul�mode
ZZ = 10, 40, or 80 for GB singlemode (if SFP transceiver is not specied at the �me of purchase, slots will remain blank with covers)
® 2012 N-TRON Corporation. N-Tron and the N-Tron logo are trademarks of N-TRON Corporation. Product names mentioned herein are for identification purposes only and may be trademarks and/or registered
trademarks of their respective company. The responsibility for the use and application of N-Tron products rests with the end user. N-Tron makes no warranties as to the fitness or suitability of any N-Tron product
for any specific application. N-Tron Corporation shall not be liable for any damage resulting from the installation, use, or misuse of this product. Specifications subject to change without notice. REV 2012.07.02
N-Tron’s award-winning products deliver excep�onal performance for mission-cri�cal data acquisi�on
and control applica�ons. Offering a complete line of high-quality ruggedized Ethernet and wireless
solu�ons for industrial automa�on, N-Tron products are designed and manufactured in the United States
with a global sales and service network that supports customers worldwide.
For more informa�on,
visit www.n-tron.com,
call +1 (251) 342-2164
or email info@n-tron.com
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
ADLD0260 080116 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com