Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7900CPU Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # 7900CPU
Description  Modular Industrial Switchwww
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

7900CPU Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  7900CPU Datasheet HTML 1Page - Red Lion Controls. Inc 7900CPU Datasheet HTML 2Page - Red Lion Controls. Inc 7900CPU Datasheet HTML 3Page - Red Lion Controls. Inc 7900CPU Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7900 Series Modular Industrial Ethernet Switch Specifications
www.n-tron.com
N-TRON
ETHERNET SERIES
SPECIFICATIONS
Regulatory Certications
Product Safety
UL 60950-1; UL 508; ANSI/ISA 12.12.01-2007;
CAN/CSA-C22.2 No. 60950; CAN/CSA-C22.2 No. 142;
CAN/CSA-C22.2 No. 213
Emissions
FCC Title 47, Part 15, Radio Frequency Devices, Subpart B;
ANSI C63.4-2003; Industry Canada ICES-003; EN 61000-6-4 (radiated
and conducted)
Immunity
EN 61000-6-2; IEC 61000-4-2 (ESD); IEC 61000-4-3 (RFAM);
IEC 61000-4-4 (EFT); IEC 61000-4-5 (SURGE); IEC 61000-4-6 (RFCM);
IEC 61000-4-8 (PFMF); IEC 61000-4-11 (VDI)
Other
EMC Direc�ve 2004/108/EC; ABS (PDA and Type Approval for
Shipboard Applica�ons); GOST-R
Designed to comply with:
IEEE 1613 for Electric U�lity Substa�ons
Further information regarding regulatory conformity can be found on the N-Tron website
at www.n-tron.com/regulatory
Switch Properties
Number of MAC Addresses: 8,000
Aging Time: Programmable
Latency Typical: 2.6 μs
Backplane Speed: 8.8 Gb/s
Switching Method: Store & Forward
Case Dimensions
Height: 5.2" (13.0 cm)
Width: 9.0" (22.8 cm)
Depth: 5.6" (14.2 cm)
Weight (max): ~5 lbs (2.3 kg)
Din-Rail: 35 mm
Electrical
Redundant Input Voltage: 10-30 VDC
Input Current (max): 1.53A @ 24 VDC (fully populated)
BTU/hr: 125.3 @ 24 VDC (fully populated)
N-Tron Power Supply: NTPS-24-5 (5A @ 24 VDC)
Environmental
Opera�ng Temperature: -20oC to 70oC
Opera�ng Humidity: 10% to 95% (Non Condensing)
Opera�ng Al�tude: 0 to 10,000 �.
Shock and Vibration (bulkhead mounted)
Shock: 50g @ 10ms
Vibra�on/Seismic: 30g, 10-200 Hz, triaxial
Reliability
MTBF: >1 million hours
Network Media
10BaseT: ≥Cat3 cable
100BaseTX: ≥Cat5 cable
100BaseFX, 1000BaseSX Mul�mode: 50-62.5/125μm
100BaseFXE, 1000BaseLX Singlemode: 7-10/125μm
Connectors
10/100BaseTX: Up to twenty-four (24) RJ-45 copper ports
100BaseFX: Up to sixteen (16) SC or ST ber ports
1000BaseSX/LX SFP: Two (2) SFP LC duplex gigabit ber ports
Recommended Wiring Clearance
Front: 4" (10.2 cm)
Side: 1" (2.6 cm)
Fiber Transceiver Characteristics
Fiber Length
2km*
15km**
40km**
80km**
TX Power Min
-19dBm
-15dBm
-5dBm
-5dBm
RX Sensitivity Max
-31dBm
-31dBm
-34dBm
-34dBm
Wavelength
1310nm
1310nm
1310nm
1550nm
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable
Fiber Length
550m for 50/125μm
275m @62.5/125μm*
10km**
40km**
80km**
TX Power Min
-9.5dBm
-9.5dBm
-2dBm
0dBm
RX Sensitivity Max
-17dBm
-20dBm
-22dBm
-24dBm
Wavelength
850nm
1310nm
1310nm
1550nm
Assumed Fiber Loss
3.5 to 3.75 dB/km
.45dB/km
.35dB/km
.25dB/km
SFP Gigabit Fiber Transceiver Characteristics
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable
www.n-tron.com
N-TRON
ETHERNET SERIES
SPECIFICATIONS
Regulatory Certications
Product Safety
UL 60950-1; UL 508; ANSI/ISA 12.12.01-2007;
CAN/CSA-C22.2 No. 60950; CAN/CSA-C22.2 No. 142;
CAN/CSA-C22.2 No. 213
Emissions
FCC Title 47, Part 15, Radio Frequency Devices, Subpart B;
ANSI C63.4-2003; Industry Canada ICES-003; EN 61000-6-4 (radiated
and conducted)
Immunity
EN 61000-6-2; IEC 61000-4-2 (ESD); IEC 61000-4-3 (RFAM);
IEC 61000-4-4 (EFT); IEC 61000-4-5 (SURGE); IEC 61000-4-6 (RFCM);
IEC 61000-4-8 (PFMF); IEC 61000-4-11 (VDI)
Other
EMC Direc�ve 2004/108/EC; ABS (PDA and Type Approval for
Shipboard Applica�ons); GOST-R
Designed to comply with:
IEEE 1613 for Electric U�lity Substa�ons
Further information regarding regulatory conformity can be found on the N-Tron website
at www.n-tron.com/regulatory
Switch Properties
Number of MAC Addresses: 8,000
Aging Time: Programmable
Latency Typical: 2.6 μs
Backplane Speed: 8.8 Gb/s
Switching Method: Store & Forward
Case Dimensions
Height: 5.2" (13.0 cm)
Width: 9.0" (22.8 cm)
Depth: 5.6" (14.2 cm)
Weight (max): ~5 lbs (2.3 kg)
Din-Rail: 35 mm
Electrical
Redundant Input Voltage: 10-30 VDC
Input Current (max): 1.53A @ 24 VDC (fully populated)
BTU/hr: 125.3 @ 24 VDC (fully populated)
N-Tron Power Supply: NTPS-24-5 (5A @ 24 VDC)
Environmental
Opera�ng Temperature: -20oC to 70oC
Opera�ng Humidity: 10% to 95% (Non Condensing)
Opera�ng Al�tude: 0 to 10,000 �.
Shock and Vibration (bulkhead mounted)
Shock: 50g @ 10ms
Vibra�on/Seismic: 30g, 10-200 Hz, triaxial
Reliability
MTBF: >1 million hours
Network Media
10BaseT: ≥Cat3 cable
100BaseTX: ≥Cat5 cable
100BaseFX, 1000BaseSX Mul�mode: 50-62.5/125μm
100BaseFXE, 1000BaseLX Singlemode: 7-10/125μm
Connectors
10/100BaseTX: Up to twenty-four (24) RJ-45 copper ports
100BaseFX: Up to sixteen (16) SC or ST ber ports
1000BaseSX/LX SFP: Two (2) SFP LC duplex gigabit ber ports
Recommended Wiring Clearance
Front: 4" (10.2 cm)
Side: 1" (2.6 cm)
Fiber Transceiver Characteristics
Fiber Length
2km*
15km**
40km**
80km**
TX Power Min
-19dBm
-15dBm
-5dBm
-5dBm
RX Sensitivity Max
-31dBm
-31dBm
-34dBm
-34dBm
Wavelength
1310nm
1310nm
1310nm
1550nm
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable
Fiber Length
550m for 50/125μm
275m @62.5/125μm*
10km**
40km**
80km**
TX Power Min
-9.5dBm
-9.5dBm
-2dBm
0dBm
RX Sensitivity Max
-17dBm
-20dBm
-22dBm
-24dBm
Wavelength
850nm
1310nm
1310nm
1550nm
Assumed Fiber Loss
3.5 to 3.75 dB/km
.45dB/km
.35dB/km
.25dB/km
SFP Gigabit Fiber Transceiver Characteristics
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable
www.n-tron.com
N-TRON
ETHERNET SERIES
SPECIFICATIONS
Regulatory Certications
Product Safety
UL 60950-1; UL 508; ANSI/ISA 12.12.01-2007;
CAN/CSA-C22.2 No. 60950; CAN/CSA-C22.2 No. 142;
CAN/CSA-C22.2 No. 213
Emissions
FCC Title 47, Part 15, Radio Frequency Devices, Subpart B;
ANSI C63.4-2003; Industry Canada ICES-003; EN 61000-6-4 (radiated
and conducted)
Immunity
EN 61000-6-2; IEC 61000-4-2 (ESD); IEC 61000-4-3 (RFAM);
IEC 61000-4-4 (EFT); IEC 61000-4-5 (SURGE); IEC 61000-4-6 (RFCM);
IEC 61000-4-8 (PFMF); IEC 61000-4-11 (VDI)
Other
EMC Direc�ve 2004/108/EC; ABS (PDA and Type Approval for
Shipboard Applica�ons); GOST-R
Designed to comply with:
IEEE 1613 for Electric U�lity Substa�ons
Further information regarding regulatory conformity can be found on the N-Tron website
at www.n-tron.com/regulatory
Switch Properties
Number of MAC Addresses: 8,000
Aging Time: Programmable
Latency Typical: 2.6 μs
Backplane Speed: 8.8 Gb/s
Switching Method: Store & Forward
Case Dimensions
Height: 5.2" (13.0 cm)
Width: 9.0" (22.8 cm)
Depth: 5.6" (14.2 cm)
Weight (max): ~5 lbs (2.3 kg)
Din-Rail: 35 mm
Electrical
Redundant Input Voltage: 10-30 VDC
Input Current (max): 1.53A @ 24 VDC (fully populated)
BTU/hr: 125.3 @ 24 VDC (fully populated)
N-Tron Power Supply: NTPS-24-5 (5A @ 24 VDC)
Environmental
Opera�ng Temperature: -20oC to 70oC
Opera�ng Humidity: 10% to 95% (Non Condensing)
Opera�ng Al�tude: 0 to 10,000 �.
Shock and Vibration (bulkhead mounted)
Shock: 50g @ 10ms
Vibra�on/Seismic: 30g, 10-200 Hz, triaxial
Reliability
MTBF: >1 million hours
Network Media
10BaseT: ≥Cat3 cable
100BaseTX: ≥Cat5 cable
100BaseFX, 1000BaseSX Mul�mode: 50-62.5/125μm
100BaseFXE, 1000BaseLX Singlemode: 7-10/125μm
Connectors
10/100BaseTX: Up to twenty-four (24) RJ-45 copper ports
100BaseFX: Up to sixteen (16) SC or ST ber ports
1000BaseSX/LX SFP: Two (2) SFP LC duplex gigabit ber ports
Recommended Wiring Clearance
Front: 4" (10.2 cm)
Side: 1" (2.6 cm)
Fiber Transceiver Characteristics
Fiber Length
2km*
15km**
40km**
80km**
TX Power Min
-19dBm
-15dBm
-5dBm
-5dBm
RX Sensitivity Max
-31dBm
-31dBm
-34dBm
-34dBm
Wavelength
1310nm
1310nm
1310nm
1550nm
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable
Fiber Length
550m for 50/125μm
275m @62.5/125μm*
10km**
40km**
80km**
TX Power Min
-9.5dBm
-9.5dBm
-2dBm
0dBm
RX Sensitivity Max
-17dBm
-20dBm
-22dBm
-24dBm
Wavelength
850nm
1310nm
1310nm
1550nm
Assumed Fiber Loss
3.5 to 3.75 dB/km
.45dB/km
.35dB/km
.25dB/km
SFP Gigabit Fiber Transceiver Characteristics
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable
www.n-tron.com
N-TRON
ETHERNET SERIES
SPECIFICATIONS
Regulatory Certications
Product Safety
UL 60950-1; UL 508; ANSI/ISA 12.12.01-2007;
CAN/CSA-C22.2 No. 60950; CAN/CSA-C22.2 No. 142;
CAN/CSA-C22.2 No. 213
Emissions
FCC Title 47, Part 15, Radio Frequency Devices, Subpart B;
ANSI C63.4-2003; Industry Canada ICES-003; EN 61000-6-4 (radiated
and conducted)
Immunity
EN 61000-6-2; IEC 61000-4-2 (ESD); IEC 61000-4-3 (RFAM);
IEC 61000-4-4 (EFT); IEC 61000-4-5 (SURGE); IEC 61000-4-6 (RFCM);
IEC 61000-4-8 (PFMF); IEC 61000-4-11 (VDI)
Other
EMC Direc�ve 2004/108/EC; ABS (PDA and Type Approval for
Shipboard Applica�ons); GOST-R
Designed to comply with:
IEEE 1613 for Electric U�lity Substa�ons
Further information regarding regulatory conformity can be found on the N-Tron website
at www.n-tron.com/regulatory
Switch Properties
Number of MAC Addresses: 8,000
Aging Time: Programmable
Latency Typical: 2.6 μs
Backplane Speed: 8.8 Gb/s
Switching Method: Store & Forward
Case Dimensions
Height: 5.2" (13.0 cm)
Width: 9.0" (22.8 cm)
Depth: 5.6" (14.2 cm)
Weight (max): ~5 lbs (2.3 kg)
Din-Rail: 35 mm
Electrical
Redundant Input Voltage: 10-30 VDC
Input Current (max): 1.53A @ 24 VDC (fully populated)
BTU/hr: 125.3 @ 24 VDC (fully populated)
N-Tron Power Supply: NTPS-24-5 (5A @ 24 VDC)
Environmental
Opera�ng Temperature: -20oC to 70oC
Opera�ng Humidity: 10% to 95% (Non Condensing)
Opera�ng Al�tude: 0 to 10,000 �.
Shock and Vibration (bulkhead mounted)
Shock: 50g @ 10ms
Vibra�on/Seismic: 30g, 10-200 Hz, triaxial
Reliability
MTBF: >1 million hours
Network Media
10BaseT: ≥Cat3 cable
100BaseTX: ≥Cat5 cable
100BaseFX, 1000BaseSX Mul�mode: 50-62.5/125μm
100BaseFXE, 1000BaseLX Singlemode: 7-10/125μm
Connectors
10/100BaseTX: Up to twenty-four (24) RJ-45 copper ports
100BaseFX: Up to sixteen (16) SC or ST ber ports
1000BaseSX/LX SFP: Two (2) SFP LC duplex gigabit ber ports
Recommended Wiring Clearance
Front: 4" (10.2 cm)
Side: 1" (2.6 cm)
Fiber Transceiver Characteristics
Fiber Length
2km*
15km**
40km**
80km**
TX Power Min
-19dBm
-15dBm
-5dBm
-5dBm
RX Sensitivity Max
-31dBm
-31dBm
-34dBm
-34dBm
Wavelength
1310nm
1310nm
1310nm
1550nm
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable
Fiber Length
550m for 50/125μm
275m @62.5/125μm*
10km**
40km**
80km**
TX Power Min
-9.5dBm
-9.5dBm
-2dBm
0dBm
RX Sensitivity Max
-17dBm
-20dBm
-22dBm
-24dBm
Wavelength
850nm
1310nm
1310nm
1550nm
Assumed Fiber Loss
3.5 to 3.75 dB/km
.45dB/km
.35dB/km
.25dB/km
SFP Gigabit Fiber Transceiver Characteristics
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com