Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH6042SPD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMNH6042SPD
Description  60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6042SPD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMNH6042SPD Datasheet HTML 1Page - Diodes Incorporated DMNH6042SPD Datasheet HTML 2Page - Diodes Incorporated DMNH6042SPD Datasheet HTML 3Page - Diodes Incorporated DMNH6042SPD Datasheet HTML 4Page - Diodes Incorporated DMNH6042SPD Datasheet HTML 5Page - Diodes Incorporated DMNH6042SPD Datasheet HTML 6Page - Diodes Incorporated DMNH6042SPD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMNH6042SPD
Document number: DS37387 Rev. 3 - 2
1 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMNH6042SPD
60V +175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) max
ID max
TC = +25°C
60V
50m
Ω @ VGS = 10V
24A
65m
Ω @ VGS = 4.5V
21A
Description and Applications
This new generation MOSFET is designed to minimize the on-state
resistance RDS(ON) and yet maintain superior switching performance,
making it ideal for high efficiency power management applications.
Engine Management Systems
Body Control Electronics
DC-DC Converters
Features and Benefits
Rated to +175°C
– Ideal for High Ambient Temperature
Environments
100% Unclamped Inductive Switching
– ensures more reliable
and robust end application
Low RDS(ON) – minimizes power losses
Low Qg – minimizes switching losses
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and
Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Datasheet (DMNH6042SPDQ)
Mechanical Data
Case: PowerDI5060-8 (Type C)
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See Diagram
Terminals: Finish
 Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMNH6042SPD-13
PowerDI5060-8 (Type C)
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Pin out
Top View
Equivalent Circuit
= Manufacturer’s Marking
H6042SD = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 16 = 2016)
WW = Week (01 to 53)
D1
S1
G1
D2
S2
G2
Bottom View
Top View
Pin1
D2
D1
D1
D2
G2
S2
G1
S1
S1
D1
G1
S2
G2
D1
D2
D2
H6042SD
YY WW


Similar Part No. - DMNH6042SPD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6042SPDQ DIODES-DMNH6042SPDQ Datasheet
637Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMNH6042SPDQ-13 DIODES-DMNH6042SPDQ-13 Datasheet
637Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
More results

Similar Description - DMNH6042SPD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6012LK3 DIODES-DMNH6012LK3 Datasheet
615Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMNH6012LK3Q DIODES-DMNH6012LK3Q Datasheet
492Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMNH6021SPD DIODES-DMNH6021SPD Datasheet
458Kb / 7P
60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
Rev 3
DMNH6021SPDQ DIODES-DMNH6021SPDQ Datasheet
472Kb / 7P
60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
Rev 2
DMNH6022SSDQ DIODES-DMNH6022SSDQ Datasheet
321Kb / 7P
60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMNH6042SK3 DIODES-DMNH6042SK3 Datasheet
402Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMNH6042SK3Q DIODES-DMNH6042SK3Q Datasheet
356Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMNH6042SPDQ DIODES-DMNH6042SPDQ Datasheet
637Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMNH6042SPS DIODES-DMNH6042SPS Datasheet
543Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev 1
DMTH6016LPSQ DIODES-DMTH6016LPSQ Datasheet
419Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com