Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH6042SPD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMNH6042SPD
Description  60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6042SPD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMNH6042SPD Datasheet HTML 1Page - Diodes Incorporated DMNH6042SPD Datasheet HTML 2Page - Diodes Incorporated DMNH6042SPD Datasheet HTML 3Page - Diodes Incorporated DMNH6042SPD Datasheet HTML 4Page - Diodes Incorporated DMNH6042SPD Datasheet HTML 5Page - Diodes Incorporated DMNH6042SPD Datasheet HTML 6Page - Diodes Incorporated DMNH6042SPD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMNH6042SPD
Document number: DS37387 Rev. 3 - 2
2 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMNH6042SPD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
5.7
4.6
A
Continuous Drain Current (Note 7) VGS = 10V
Steady
State
TC = +25°C
TC = +100°C
ID
24
17
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
32
A
Maximum Continuous Body Diode Forward Current (Note 7)
IS
24
A
Avalanche Current (Note 8) L = 10mH
IAS
3.5
A
Avalanche Energy (Note 8) L = 10mH
EAS
65
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RJA
°C/W
t<10s
Total Power Dissipation (Note 6)
PD
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RJA
°C/W
t<10s
Thermal Resistance, Junction to Case (Note 7)
RJC
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
—
—
1
µA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(TH)
1.0
—
3.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
34
50
m
Ω
VGS = 10V, ID = 5.1A
—
45
65
VGS = 4.5V, ID = 4.4A
Diode Forward Voltage
VSD
—
0.8
1.2
V
VGS = 0V, IS = 2.6A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
—
584
—
pF
VDS = 25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
83
—
pF
Reverse Transfer Capacitance
Crss
—
24
—
pF
Gate Resistance
Rg
—
3.8
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
4.2
—
nC
VDS = 44V, ID = 5.2A
Total Gate Charge (VGS = 10V)
Qg
—
8.8
—
nC
Gate-Source Charge
Qgs
—
1.8
—
nC
Gate-Drain Charge
Qgd
—
1.8
—
nC
Turn-On Delay Time
tD(ON)
—
3.4
—
ns
VGS = 10V, VDS = 30V,
RG = 6Ω, ID = 1A
Turn-On Rise Time
tR
—
1.9
—
ns
Turn-Off Delay Time
tD(OFF)
—
10.1
—
ns
Turn-Off Fall Time
tF
—
4.5
—
ns
Body Diode Reverse Recovery Time
tRR
—
12.9
—
ns
IF = 2.6A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
—
5.4
—
nC
IF = 2.6A, di/dt = 100A/μs
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. Thermal resistance from junction to soldering point (on the exposed drain pad).
8. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com