Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPD13AWF Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DPD13AWF
Description  225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPD13AWF Datasheet(HTML) 2 Page - Diodes Incorporated

  DPD13AWF Datasheet HTML 1Page - Diodes Incorporated DPD13AWF Datasheet HTML 2Page - Diodes Incorporated DPD13AWF Datasheet HTML 3Page - Diodes Incorporated DPD13AWF Datasheet HTML 4Page - Diodes Incorporated DPD13AWF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DPD13AWF
Document number: DS38909 Rev. 1 - 2
2 of 5
www.diodes.com
June 2016
© Diodes Incorporated
DPD13AWF
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation (Note 5) 10/1000µs
(Note 6) 8/20µs
PPK
225
1125
W
Peak Forward Surge Current, 8.3ms Single Half Sine Wave
IFSM
35
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
DC Steady-State Power Dissipation (Note 8)
PD
1.0
W
Thermal Resistance, Junction to Ambient (Note 8)
RθJA
330
°C/W
Thermal Resistance, Junction to Soldering Point (Note 9)
RθJS
70
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Part Number
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT (Note 10)
Test
Current
Max. Reverse
Leakage @ VRWM
Max. Clamping
Voltage @ IPP
Max. Peak
Pulse Current
(Note 5)
Marking
Code
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR (A)
VC (V)
IPP (A)
DPD13AWF
13
14.4
15.9
1.0
1.0
21.5
10.5
TBG
Notes:
5. Non-Repetitive current pulse as shown in figure 2 and derated above TA = +25°C as per figure 2.
6. Non-Repetitive current pulse as shown in figure 3 and derated above TA = +25°C as per figure 3.
7. 1/2 sine wave (or eTuivalent sTuare wave), pulse width = 8.3ms, duty cycle = 4 pulses/minute maximum.
8. Device mounted on 1"x1", FR-4 PCB; 2 oz. Cu pad layout. Cathode pad dimensions 5.5mm x 3.5mm. Anode pad dimensions 2.25mm x 3.5mm.
9. Theoretical RJS calculated from the top center of the die straight down to the PCB/cathode tab solder junction.
10. VBR measured at pulse test current IT with tp 5.0ms at TA = +25°C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com