Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPD13AWF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DPD13AWF
Description  225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPD13AWF Datasheet(HTML) 3 Page - Diodes Incorporated

  DPD13AWF Datasheet HTML 1Page - Diodes Incorporated DPD13AWF Datasheet HTML 2Page - Diodes Incorporated DPD13AWF Datasheet HTML 3Page - Diodes Incorporated DPD13AWF Datasheet HTML 4Page - Diodes Incorporated DPD13AWF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DPD13AWF
Document number: DS38909 Rev. 1 - 2
3 of 5
www.diodes.com
June 2016
© Diodes Incorporated
DPD13AWF
0
25
50
75
100
125
150
175 200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Pulse Derating Curve
A
°
0
1
2
3
Peak Value I
pp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 2 Pulse Waveform
Peak Value I
pp
Half Value I /2
pp
8x20 Waveform
as defined by R.E.A.
t
p
0.1
1.0
10.0
100.0
0.1
1
10
100
1000
10000
t
P (s)
Fig. 4 Peak pulse power versus exponential pulse
duration
TJ = 25°C
Non Repetitive Pulse
Waveform Show in Fig. 3
0
0.2
0.4
0.6
0
25
50
75
100
125
150
T , TERMINAL TEMPERATURE ( C)
Fig. 5 Steady State Power Derating Curve
T
°
1.0
0.8
1.2
0
50
100
150
200
250
300
350
400
450
500
0
2
4
6
8
10
12
14
V
R (V)
Fig. 6 Junction Capacitance versus Reverse Voltage
f=1MHz, VOSC=50mV rms
tR=10s
tR=8s
IPP
IPP/2
IPP
IPP/2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com