Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP4428G Datasheet(PDF) 2 Page - Micronas

Part # MSP4428G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4428G Datasheet(HTML) 2 Page - Micronas

  MSP4428G Datasheet HTML 1Page - Micronas MSP4428G Datasheet HTML 2Page - Micronas MSP4428G Datasheet HTML 3Page - Micronas MSP4428G Datasheet HTML 4Page - Micronas MSP4428G Datasheet HTML 5Page - Micronas MSP4428G Datasheet HTML 6Page - Micronas MSP4428G Datasheet HTML 7Page - Micronas MSP4428G Datasheet HTML 8Page - Micronas MSP4428G Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
2
Micronas
Contents
Page
Section
Title
5
1.
Introduction
6
1.1.
Features of the MSP 44x8G Family
6
1.2.
MSP 44x8G Version List
7
1.3.
MSP 44x8G Versions and their Application Fields
8
2.
Functional Description
8
2.1.
Architecture of the MSP 44x8G Family
9
2.2.
MSP 44x8G Sound IF Processing
9
2.2.1.
Analog Sound IF Input
9
2.2.2.
Demodulator: Standards and Features
9
2.2.3.
Preprocessing of Demodulator Signals
10
2.2.4.
Automatic Sound Select
10
2.2.5.
Manual Mode
12
2.3.
Preprocessing for SCART and I2S Input Signals
12
2.4.
Source Selection and Output Channel Matrix
12
2.4.1.
Mixing Unit
12
2.5.
Audio Baseband Processing
12
2.5.1.
Automatic Volume Correction (AVC)
13
2.5.2.
Main and Aux Outputs
13
2.5.3.
Quasi-Peak Detector
13
2.6.
SCART Signal Routing
13
2.6.1.
SCART DSP In and SCART Out Select
13
2.6.2.
Stand-by Mode
13
2.7.
I2S Bus Interfaces
13
2.7.1.
Synchronous I2S-Interface(s)
13
2.7.2.
Asynchronous I2S-Interface
14
2.8.
ADR Bus Interface
14
2.9.
Digital Control I/O Pins and Status Change Indication
14
2.10.
Preemphasis
14
2.11.
Clock PLL Oscillator and Crystal Specifications
15
3.
Control Interface
15
3.1.
I2C Bus Interface
15
3.1.1.
Device and Subaddresses
16
3.1.2.
Description of CONTROL Register
16
3.1.3.
Protocol Description
17
3.1.4.
Proposals for General MSP 44x8G I2C Telegrams
17
3.1.4.1.
Symbols
17
3.1.4.2.
Write Telegrams
17
3.1.4.3.
Read Telegrams
17
3.1.4.4.
Examples
17
3.2.
Start-Up Sequence: Power-Up and I2C Controlling
17
3.3.
MSP 44x8G Programming Interface
17
3.3.1.
User Registers Overview
20
3.3.2.
Description of User Registers
21
3.3.2.1.
STANDARD SELECT Register
21
3.3.2.2.
STANDARD RESULT Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com