Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP4448G Datasheet(PDF) 39 Page - Micronas

Part # MSP4448G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4448G Datasheet(HTML) 39 Page - Micronas

Back Button MSP4448G Datasheet HTML 35Page - Micronas MSP4448G Datasheet HTML 36Page - Micronas MSP4448G Datasheet HTML 37Page - Micronas MSP4448G Datasheet HTML 38Page - Micronas MSP4448G Datasheet HTML 39Page - Micronas MSP4448G Datasheet HTML 40Page - Micronas MSP4448G Datasheet HTML 41Page - Micronas MSP4448G Datasheet HTML 42Page - Micronas MSP4448G Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
39
4.2. Pin Connections and Short Descriptions
NC = not connected (leave vacant for future compatibility reasons)
TP = Test Pin (leave vacant - pin is used for production test only)
LV = leave vacant
X = obligatory; connect as described in application circuit diagram
Pin No.
Pin Name
Type
Connection
(if not used)
Short Description
PQFP
80-pin
PLQFP
64-pin
PSDIP
64-pin
1
64
8
NC
LV
Not connected
21
9I2C_CL
IN/OUT
X
I2C clock
3
2
10
I2C_DA
IN/OUT
X
I2C data
4
3
11
I2S_CL
IN/OUT
LV
I2S clock
5
4
12
I2S_WS
IN/OUT
LV
I2S word strobe
6
5
13
I2S_DA_OUT
OUT
LV
I2S data output
7
6
14
I2S_DA_IN1
IN
LV
I2S1 data input
8
7
15
ADR_DA
OUT
LV
ADR data output
9
8
16
ADR_WS
OUT
LV
ADR word strobe
10
9
17
ADR_CL
OUT
LV
ADR clock
11
−−
DVSUP
X
Digital power supply
+5 V
12
−−
DVSUP
X
Digital power supply
+5 V
13
10
18
DVSUP
X
Digital power supply
+5 V
14
−−
DVSS
X
Digital ground
15
−−
DVSS
X
Digital ground
16
11
19
DVSS
X
Digital ground
−
12
20
I2S_DA_IN2/3
IN
LV
I2S2/3-data input
17
−−
I2S_DA_IN2
IN
LV
PQFP80: pin 22 separate I2S_DA_IN3
18
13
21
NC
LV
Not connected
19
14
22
I2S_CL3
IN
LV
I2S3 clock
20
15
23
I2S_WS3
IN
LV
I2S3 word strobe
21
16
24
RESETQ
IN
X
Power-on-reset
22
−−
I2S_DA_IN3
IN
LV
I2S3-data input
23
−−
NC
LV
Not connected
24
17
25
DACA_R
OUT
LV
Aux out, right
25
18
26
DACA_L
OUT
LV
Aux out, left
26
19
27
VREF2
X
Reference ground 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com