Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP4448G Datasheet(PDF) 72 Page - Micronas

Part # MSP4448G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4448G Datasheet(HTML) 72 Page - Micronas

Back Button MSP4448G Datasheet HTML 68Page - Micronas MSP4448G Datasheet HTML 69Page - Micronas MSP4448G Datasheet HTML 70Page - Micronas MSP4448G Datasheet HTML 71Page - Micronas MSP4448G Datasheet HTML 72Page - Micronas MSP4448G Datasheet HTML 73Page - Micronas MSP4448G Datasheet HTML 74Page - Micronas MSP4448G Datasheet HTML 75Page - Micronas MSP4448G Datasheet HTML 76Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
72
Micronas
5.5. FM Satellite Sound
5.6. FM-Stereo Radio
Table 5–6: Key parameters for FM Satellite Sound
Carrier Frequency
Maximum
FM Deviation
Sound Mode
Bandwidth
Deemphasis
6.5 MHz
85 kHz
Mono
15 kHz
50
µs
7.02/7.20 MHz
50 kHz
Mono/Stereo/Bilingual
15 kHz
adaptive
7.38/7.56 MHz
50 kHz
Mono/Stereo/Bilingual
15 kHz
adaptive
7.74/7.92 MHz
50 kHz
Mono/Stereo/Bilingual
15 kHz
adaptive
Table 5–7: Key parameters for FM-Stereo Radio Systems
Aural
Carrier
FM-Radio-MPX-Components
(L
+R)
Pilot
(L
−R)
RDS/ARI
Carrier frequency (fp = 19 kHz)
10.7 MHz
Baseband
fp
2 fp
3 fp
Sound bandwidth in kHz
0.05 - 15
0.05 - 15
Preemphasis:
− USA
− Europe
75
µs
50
µs
75
µs
50
µs
Max. deviation to Aural Carrier
75 kHz
(100%)
90%1)
10%
90%1)
5%
1) Sum does not exceed 90% due to interleaving effects



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com