Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MV1820DPAS Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MV1820DPAS
Description  Video Programme Delivery Control Interface Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MV1820DPAS Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MV1820DPAS Datasheet HTML 1Page - Mitel Networks Corporation MV1820DPAS Datasheet HTML 2Page - Mitel Networks Corporation MV1820DPAS Datasheet HTML 3Page - Mitel Networks Corporation MV1820DPAS Datasheet HTML 4Page - Mitel Networks Corporation MV1820DPAS Datasheet HTML 5Page - Mitel Networks Corporation MV1820DPAS Datasheet HTML 6Page - Mitel Networks Corporation MV1820DPAS Datasheet HTML 7Page - Mitel Networks Corporation MV1820DPAS Datasheet HTML 8Page - Mitel Networks Corporation MV1820DPAS Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MV1820
3
ELECTRICAL CHARACTERISTICS (continued)
These characteristics are guaranteed over the following conditions (unless otherwise stated)
Tamb = 0 to 70˚C, VDD = 5V
± 10%
I2C bus
SCL, SDA Schmitt inputs
Input voltage Low
Input voltage High
Output voltage Low
SCL clock frequency
DAV data available
Output voltage low
RESET Schmitt input
Input voltage Low
Input voltage High
Input current Low
Input current High
11, 13
11
1
0
3.5
0
VDD-1.0
-22
-10
0.1
100
0.2
-50
1.5
VDD
0.4
1000
0.4
0.8
VDD
-220
+10
V
V
V
kHz
V
V
V
µA
µA
Not clamped when VDD = 0V
IOL = 3.0mA
100k (nom) pull-up resistor
IOH = 2.4mA
100k (nom) pull-up resistor
VIN = VSS
VIN = VDD
Characteristic
Pin
Min
Typ
Max
Value
Units
Conditions
NOTE
Input voltage low and input voltage high for EXT/INT, AS and XTI are as specified for DATA I/O.
AS
XTO
XTI
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Pin Name and Description
Active Low Reset. Includes a 100k
Ω pull - up resistor
Control Pin for SYNC I/O and DATA I/O. Includes a 100k
Ω pull - down resistor.
When low or not connected, internal SYNC and DATA are used, pins 9 and 10 are
outputs. When high, supply SYNC and DATA from an external source, pins 9 and
10 are inputs.
Black level capacitor.
White level capacitor.
Input for composite video signal with negative going syncs
Ground 0 volts.
Time constant resistor.
Controlling discharge rate of black and white level
capacitor voltages.
Address select for I2C bus. [0010 0001] with AS set high, or [0010 0011] with AS
set low. Includes 100k
Ω pull - down resistor.
Data input/output.
Sync input/output.
I2C bus serial clock.
Positive supply voltage +5V
± 10%
I2C bus bi-directional data port.
Active low open drain output data available signal to microprocessor.
Includes 100k
Ω pull - up resistor
Crystal out, 27.75MHz fundamental crystal with on-chip 1M
Ω resistor to XTI.
Crystal input.
DATA I/O
SYNC I/O
SCL
VDD
SDA
DAV
PIN DESCRIPTION
Symbol
RESET
EXT/INT
BLC
WLC
VIDEO
GND
TCR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com