Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MV1820DPAS Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MV1820DPAS
Description  Video Programme Delivery Control Interface Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MV1820DPAS Datasheet(HTML) 6 Page - Mitel Networks Corporation

  MV1820DPAS Datasheet HTML 1Page - Mitel Networks Corporation MV1820DPAS Datasheet HTML 2Page - Mitel Networks Corporation MV1820DPAS Datasheet HTML 3Page - Mitel Networks Corporation MV1820DPAS Datasheet HTML 4Page - Mitel Networks Corporation MV1820DPAS Datasheet HTML 5Page - Mitel Networks Corporation MV1820DPAS Datasheet HTML 6Page - Mitel Networks Corporation MV1820DPAS Datasheet HTML 7Page - Mitel Networks Corporation MV1820DPAS Datasheet HTML 8Page - Mitel Networks Corporation MV1820DPAS Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
The MV1820 is a high speed CMOS receiver for
Programme Delivery Control (PDC) messages broadcast in
World System Teletext (WST) Format Two Broadcast
Service Data Packets (BSDP). The PDC message can be
read on an I
2C bus with data format similar to standard Video
Programming Service (VPS) decoders. Additional data is
appended to include new PDC features.
It is intended for use in Video Cassette Recorders to
provide automatic recording of suitably labelled Television
programmes requested by the user.
FEATURES
I On chip data slicing
I Low external component count
I I2C bus for low cost interfacing
I Advanced CMOS technology gives low power
dissipation and high reliability
ABSOLUTE MAXIMUM RATINGS
Supply voltage
0.3V to 7V
All inputs
-0.3 to VDD +0.3V
Operating temperature
0 to +70
°C
Storage temperature
-55 to 125
°C
ORDERING INFORMATION
MV1820F/CG/DPAS
MV1820F/CG/MPES
PIN
1
2
3
4
5
6
7
8
PIN
16
15
14
13
12
11
10
9
DESCRIPTION
XTI
XTO
DAV
SDA
VDD
SCL
SYNC I/O
DATA I/O
DESCRIPTION
RESET
EXT/INT
BLC
WLC
VIDEO
GND
TCR
AS
7
10
6
11
5
12
4
13
3
14
2
15
1
16
8
76
54321
8
9
10 11 12 13 14 15 16
9
DP16
MP16
Fig.1 Pin connections - top view
Fig.2 MV1820 block diagram
Supersedes version in October 1995 Media IC Handbook, HB3120 - 3.0
DS3106 - 3.0 May 1996
MV1820
Video Programme Delivery Control Interface Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com