Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16F54 Datasheet(PDF) 41 Page - Microchip Technology

Part # 16F54
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F54 Datasheet(HTML) 41 Page - Microchip Technology

Back Button 16F54 Datasheet HTML 37Page - Microchip Technology 16F54 Datasheet HTML 38Page - Microchip Technology 16F54 Datasheet HTML 39Page - Microchip Technology 16F54 Datasheet HTML 40Page - Microchip Technology 16F54 Datasheet HTML 41Page - Microchip Technology 16F54 Datasheet HTML 42Page - Microchip Technology 16F54 Datasheet HTML 43Page - Microchip Technology 16F54 Datasheet HTML 44Page - Microchip Technology 16F54 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
 2004 Microchip Technology Inc.
DS41213C-page 39
PIC16F5X
8.3
Power-Down Mode (Sleep)
A device may be powered down (Sleep) and later
powered up (wake-up from Sleep).
8.3.1
SLEEP
The Power-down mode is entered by executing a
SLEEP
instruction.
If enabled, the Watchdog Timer will be cleared but
keeps running, the TO bit (Status<4>) is set, the PD bit
(Status<3>) is cleared and the oscillator driver is turned
off. The I/O ports maintain the status they had before
the SLEEP instruction was executed (driving high,
driving low or high-impedance).
It should be noted that a Reset generated by a WDT
time-out does not drive the MCLR/VPP pin low.
For lowest current consumption while powered down,
the T0CKI input should be at VDD or VSS and the
MCLR/VPP pin must be at a logic high level
(MCLR = VIH).
8.3.2
WAKE-UP FROM SLEEP
The device can wake-up from Sleep through one of the
following events:
1.
An external Reset input on MCLR/VPP pin.
2.
A Watchdog Timer time-out Reset (if WDT was
enabled).
Both of these events cause a device Reset. The TO
and PD bits can be used to determine the cause of
device Reset. The TO bit is cleared if a WDT time-out
occurred (and caused wake-up). The PD bit, which is
set on power-up, is cleared when SLEEP is invoked.
The WDT is cleared when the device wakes from
Sleep, regardless of the wake-up source.
8.4
Program Verification/Code
Protection
If the code protection bit has not been programmed, the
on-chip program memory can be read out for
verification purposes.
Once code protection is enabled, all program memory
locations above 0x3F read all ‘0’s. Program memory
locations 0x00-0x3F are always unprotected. The user
ID locations and the Configuration Word read out in an
unprotected fashion. It is possible to program the user
ID locations and the Configuration Word after code
protect is enabled.
8.5
User ID Locations
Four memory locations are designated as user ID loca-
tions where the user can store checksum or other
code-identification numbers. These locations are not
accessible during normal execution, but are readable
and writable during Program/Verify.
Use only the lower 4 bits of the user ID locations and
always program the upper 8 bits as ‘1’s.
8.6
In-Circuit Serial Programming™
(ICSP™)
The
PIC16F5X
microcontrollers
can
be
serially
programmed while in the end application circuit. This is
simply done with two lines for clock and data, and three
other lines for power, ground and programming
voltage. This allows customers to manufacture boards
with unprogrammed devices and then program the
microcontroller just before shipping the product. Thus,
the most recent firmware or custom firmware can be
programmed.
The device is placed into a Program/Verify mode by
holding the RB6 and RB7 pins low while raising the
MCLR (VPP) pin from VIL to VIHH (see programming
specification). RB6 becomes the programming clock
and RB7 becomes the programming data. Both RB6
and RB7 are Schmitt Trigger inputs in this mode.
A 6-bit command is then supplied to the device.
Depending on the command, 14 bits of program data
are then supplied to or from the device, depending if
the command was a Load or a Read. For complete
details of serial programming, please refer to the
respective Programming Specifications: “PIC16F54
Memory
Programming
Specification”
(DS41207),
“PIC16F57
Memory
Programming
Specification”
(DS41208), and “PIC16F59 Memory Programming
Specification” (DS41243).
A typical In-Circuit Serial Programming connection is
shown in Figure 8-1.
Note:
Microchip will assign a unique pattern
number for QTP and SQTP requests. This
pattern number will be unique and trace-
able to the submitted code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com