Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16F54 Datasheet(PDF) 89 Page - Microchip Technology

Part # 16F54
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F54 Datasheet(HTML) 89 Page - Microchip Technology

Back Button 16F54 Datasheet HTML 82Page - Microchip Technology 16F54 Datasheet HTML 83Page - Microchip Technology 16F54 Datasheet HTML 84Page - Microchip Technology 16F54 Datasheet HTML 85Page - Microchip Technology 16F54 Datasheet HTML 86Page - Microchip Technology 16F54 Datasheet HTML 87Page - Microchip Technology 16F54 Datasheet HTML 88Page - Microchip Technology 16F54 Datasheet HTML 89Page - Microchip Technology 16F54 Datasheet HTML 90Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 89 / 90 page
background image
 2004 Microchip Technology Inc.
DS41213C-page 87
PIC16F5X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC16F54
– VDD range 2.0V to 5.5V
PIC16F54T(1) – VDD range 2.0V to 5.5V
PIC16F57
– VDD range 2.0V to 5.5V
PIC16F57T(1) – VDD range 2.0V to 5.5V
Temperature Range
I
= -40
°C to +85°C
(Industrial)
E= -40
°C to +125°C
(Extended)
Package
SO
=
SOIC
SS
=
SSOP
P=
PDIP
SP
=
Skinny Plastic DIP (SPDIP)(2)
SOG
=
SOIC (Pb-free)
SSG
=
SOIC (Pb-free)
PG
=
SOIC (Pb-free)
SPG
=
SOIC (Pb-free)
Pattern
QTP, SQTP, Code or Special Requirements (blank otherwise)
Examples:
a)
PIC16F54–I/P = Industrial temp, PDIP package
b)
PIC16F54T–I/SSG = Industrial temp, SSOP
package (Pb -free), tape and reel
c)
PIC16F57–E/SP6 = Extended temp, Skinny
Plastic DIP package (Pb-free)
d)
PIC16F57T–E/SS = Extended temp, SSOP
package, tape and reel
e)
PIC16F54–I/SOG = Industrial temp, SOIC
package (Pb-free)
Note
1:
T = in tape and reel SOIC and SSOP
packages only.
2:
PIC16F57 only
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC16F59
– VDD range 2.0V to 5.5V
PIC16F59T(1) – VDD range 2.0V to 5.5V
Temperature Range
I
= -40
°C to +85°C
(Industrial)
E= -40
°C to +125°C
(Extended)
Package
P
=
PDIP
PT
=
TQFP
Pattern
QTP, SQTP, Code or Special Requirements (blank otherwise)
Examples:
a)
PIC16F59–I/P = Industrial temp, PDIP package
(Pb -free).
b)
PIC16F59T–I/PT = Industrial temp, TQFP
package (Pb -free), tape and reel.
Note
1:
T = in tape and reel TQFP packages only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com