Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-PSE Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # EB-PSE
Description  Industrial Power over Ethernet Injectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

EB-PSE Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  EB-PSE Datasheet HTML 1Page - Red Lion Controls. Inc EB-PSE Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
compliant
Pass Power & Data to your Ethernet Field
Devices over the same Cable.
FEATURES & BENEFITS
> IEEE 802.3af compliant PoE ports
• Power Sourcing Equipment (PSE) operation
• Auto-detection of PD (powered devices)
• Supplies up to 15.4 watts per channel
• Over-temperature and over-current detection
• Over and under-voltage protection
EB-PSE Industrial PoE Injectors
Sixnet Networking Series
Industrial Power over Ethernet Injectors
The EB-PSE-24V-1 or EB-PSE-48V-2 industrial PoE power injectors add 48
VDC power into 1 or 2 Ethernet ports so that you can pass power and data
over the same wire to your Ethernet devices in the field. The 24V-1 model steps
up your 24 VDC for sourcing 1 PoE port so no separate DC/DC converter is
required. The 48V-2 model is two injectors in one to save space and money.
Both are ultra-rugged, reliable and easy to use.
APPLICATIONS
> Video and security
> Industrial automation and control
> Fully IEEE 802.3af compliant PSE
(Power Sourcing Equipment) operation
PRODUCT HIGHLIGHTS
> Process machine and motion control
> Model 1 directly runs off of your existing 24
VDC and powers 1 PoE (48 VDC) port
> Model 2 saves you space and money by
powering 2 PoE (48 VDC) ports
> Industrial rated for -40 to 75°C operation
> True plug and play simplicity
• No user settings
• Ready to use right out of the box
> Trouble free operation
• Ultra-reliable 1,000,000+ hours MTBF
• Slim package for DIN rail or panel mounting
EB-PSE-24V-1
EB-PSE-48V-2
PD
(PoE enabled device) or
PoE Splitter and any field device
PD
(PoE enabled device)
PoE Splitter and any field device
Ethernet
Ethernet
Ethernet
+24 VDC
+48 VDC
PoE Out
PoE Out
PoE Out


Similar Part No. - EB-PSE

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
EB-PS-AC48-75 REDLION-EB-PS-AC48-75 Datasheet
359Kb / 2P
5 Port Power Over Ethernet Industrial Switch
More results

Similar Description - EB-PSE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
Power-Over-Ethernet Module
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
Power-Over-Ethernet Module
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
Power-Over-Ethernet Module
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
Power Over Ethernet (PoE)
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
Power over Ethernet Module
logo
SL Power Electronics
PENT1080 SLPOWER-PENT1080 Datasheet
196Kb / 2P
80 Watt Power over Ethernet Injectors
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
PoE(Power over Ethernet)
logo
Red Lion Controls. Inc
EB-5ES-PSE REDLION-EB-5ES-PSE Datasheet
359Kb / 2P
5 Port Power Over Ethernet Industrial Switch
logo
DDK Ltd.
CM21-JPY-010 DDK-CM21-JPY-010 Datasheet
473Kb / 3P
Over-molded cable assembly for Industrial Ethernet
logo
Advantech Co., Ltd.
EKI-1751I ADVANTECH-EKI-1751I Datasheet
359Kb / 2P
Industrial Ethernet over VDSL2 (with M12)
14-Nov-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com