Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-PSE Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # EB-PSE
Description  Industrial Power over Ethernet Injectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

EB-PSE Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  EB-PSE Datasheet HTML 1Page - Red Lion Controls. Inc EB-PSE Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ORDERING GUIDE
PART NUMBER
DESCRIPTION
EB-PSE-24V-1A
PoE injector for 1 PoE port (uses unused pairs), 24V input
EB-PSE-48V-2A
PoE injector for 2 PoE port (uses unused pairs), 48V input
EB-PSE-24V-1B
Special order: uses signal pairs for PoE, ideal for 4 wire cables
EB-PSE-48V-2B
Special order: uses signal pairs for PoE, ideal for 4 wire cables
ACCESSORIES
PART NUMBER
DESCRIPTION
EB-PS-AC48-75
Industrial power supply, AC to 48 VDC, 75W, 1.5A
EB-PS-AC48-120
Industrial power supply, AC to 48 VDC, 120W, 2.5A
EB-PD-24V-1
PoE splitter for 24VDC devices, 13W
Other voltages available—special order.
All specifications are subject to change. Consult factory for latest info.
ADLD0157 062614 © 2014 Red Lion Controls
Industrial Power over Ethernet Injectors Specifications
SWITCH PROPERTIES
Ethernet protocols supported: All IEEE 802.3
Ethernet connectors per channel: 2 (1 for Ethernet in, 1 for PoE out)
Ethernet port standards: 10/100BaseTX IEEE 802.3 / 802.3u
POE OUTPUT
IEEE 802.3af PoE operation: Power Sourcing Equipment (PSE)
PoE power output
48 VDC @ 15.4 Watts per channel
24V model: Derate 1W per 2°C over 60°C
RJ45 PoE pin assignments
A=unused pair: TX(3,6); RX(1,2); V-(7,8); V+(4,5)
B=signal pair: TX/V- (3, 6); RX/V+ (1, 2)
PoE operation: Auto-detection & power management
PoE disconnect mode: AC for 24V-1 and DC for 48V-2
PoE protection: Over-temp, over-current,
over/under-voltage & transient
OPTIONS
Power input for 48V-2 models: 45-56 VDC @ 31 Watts max.
Power input for 24V-1 models: 18-30 VDC @ 20 Watts max.
Transient protection 15,000 watts peak
Spike protection 5,000 watts (10 times for 10 uS)
SUBMITTED FOR TESTING
Electrical safety:UL508/CSA C22.2/14; EN61010-1, CE
EMI emissions: FCC part 15, ICES-003; EN61000-6-4, CE
EMC immunity: IEC61000-6-2, CE
Hazardous locations: UL1604, CSA C22.2/213 (Class I, Div. 2);
EN60079-15 (Zone 2; Category 3), CE (ATEX)
ENVIRONMENTAL
Operating temperature range: -40 to +75°C
(cold startup @ -40°C)
24V model: Derate 1W per 2°C over 60°C
Storage temperature range: -40 to +85 °C
Humidity (non-condensing) 5 to 95% RH
Vibration, shock and freefall: IEC68-2-6, -27 and -32
MECHANICAL
DIN rail or direct panel mounting
Packaging - Lexan with IP30 protection
Weight (approximate): 0.17 Kg (0.25 lbs)
Dimensions - 4 x 1 x 3.3” (10 x 2.5 x 8.3 cm)
MTBF (estimated): >1,000,000 hours
1.01"
[2.57 cm]
EB-PSE-24V-1
2.90"
[7.35 cm]
4.20"
[10.67 cm]
EB-PSE-48V-2
Dia. 0.15"
(0.38 cm)
Use for direct
panel mounting
to a flat surface
3.95"
[10.03 cm]
1.98"
[5.02 cm]
1.98"
[5.02 cm]
1.00"
[2.54 cm]
3.26"
[8.28 cm]
0.06"
[0.15 cm]
Removable
Screw Block
Snaps to standard
DIN rail EN50022
(35 mm)
1.01"
[2.57 cm]
P2 P1
One DC Supply
(18 - 30 VDC)
+ -
Chassis
GND
(panel)
-
+
Two DC Supplies
(18 - 30 VDC)
EB-PSE-24V
Single DC Power
EB-PSE-24V
Dual DC Power
+ -
Chassis
GND
(panel)
+
+
+ +
P1
P2
DC Supply
(45 - 56 VDC)
+ -
EB-PSE-48V
DC Power Input
Chassis
GND
(panel)
+
POWER WIRING
DIMENSIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com