Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-PD Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # EB-PD
Description  Industrial PoE Splitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

EB-PD Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  EB-PD Datasheet HTML 1Page - Red Lion Controls. Inc EB-PD Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
compliant
Power non-PoE or non-Ethernet Devices from your PoE Lines.
FEATURES & BENEFITS
> IEEE 802.3af Compliant PoE Inport Ports
• Powered Device (PD) operation
• Accepts power over signal or unused pairs
• Supports power detection & classification
> True Isolated Power
• 24 VDC power output (12/14V also available)
• 13 watts of power available
EB-PD Indsutrial PoE Switch
EB-PD-xxx-1TM
Industrial PoE Splitter
These space saving industrial PoE splitters give you all the benefits of Power over Ethernet (PoE)
without needing to upgrade your existing non-PoE Ethernet devices. These splitters generate
isolated 24 VDC power for your non-PoE or even non-Ethernet devices. Think of this splitter as
an industrial 24 VDC power supply that is powered by your incoming PoE (Etherbus) cable. The
Ethernet output can be connected to any traditional (non-PoE) Ethernet device. These industrial
splitters are ultra-rugged, reliable and easy to use.
PRODUCT HIGHLIGHTS
> One IEEE 802.3af compliant Power
over Ethernet (PoE) port
> One Ethernet output port where the
48 VDC has been removed
> True Plug and Play Simplicity
• No user settings
• Ready to use right out of the box
> Trouble Free Operation
• Ultra-reliable 1,000,000+ hours MTBF
• Slim package for DIN rail or panel mounting
> Plug & play saves you time and money
> Truly industrial rated for any application
PoE In
Ethernet
Non-PoE
Device
+24 VDC
PoE In
Ethernet
Non-PoE
Device
+14 VDC
PLC
Camera
Optional
12V Battery
14 VDC Output
Special Order
PoE In
Ethernet
Non-PoE
Device
+24 VDC
PoE In
Ethernet
Non-PoE
Device
+14 VDC
PLC
Camera
Optional
12V Battery
14 VDC Output
Special Order


Similar Part No. - EB-PD

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
EB-PD-24V-1 REDLION-EB-PD-24V-1 Datasheet
359Kb / 2P
5 Port Power Over Ethernet Industrial Switch
More results

Similar Description - EB-PD

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2701PSI ADVANTECH-EKI-2701PSI Datasheet
213Kb / 1P
Industrial PoE Splitter with Wide Temperature
logo
Level One
POS-1001 LVL1-POS-1001 Datasheet
559Kb / 3P
5-12V DC Gigabit PoE Splitter
POS-1002 LVL1-POS-1002 Datasheet
707Kb / 3P
5-12V DC PoE Splitter
POS-4000 LVL1-POS-4000 Datasheet
1Mb / 3P
High Power PoE Splitter 12V
POS-4001 LVL1-POS-4001 Datasheet
473Kb / 2P
Outdoor High Power PoE Splitter (12V)
POS-4002 LVL1-POS-4002 Datasheet
193Kb / 2P
24V AC High Power PoE Splitter
logo
Red Lion Controls. Inc
100_POE_SPL REDLION-100_POE_SPL Datasheet
357Kb / 2P
PoE Splitter
logo
Advantech Co., Ltd.
EKI-2701PSI-AE ADVANTECH-EKI-2701PSI-AE Datasheet
219Kb / 1P
Industrial PoE Splitter with Wide Temperature
logo
List of Unclassifed Man...
HEST10M-8E-2G ETC2-HEST10M-8E-2G Datasheet
721Kb / 3P
Industrial Ethernet POE/PoE Switch
logo
Advantech Co., Ltd.
EKI-2711PSI ADVANTECH-EKI-2711PSI Datasheet
257Kb / 1P
Industrial 25W PoE Splitter with Wide Temperature
22-Apr-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com