Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-PD Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # EB-PD
Description  Industrial PoE Splitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

EB-PD Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  EB-PD Datasheet HTML 1Page - Red Lion Controls. Inc EB-PD Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ADLD0155 081413 ©2013 Red Lion Controls
Industrial Power Over Ethernet (PoE) SplitterTM Specifications
GENERAL
Ethernet protocols supported: All IEEE 802.3
Ethernet ports: 2 (1 for PoE in, 1 for Ethernet out)
Ethernet port standards: 10/100BaseTX IEEE 802.3 / 802.3u
POE INPUT
Fully IEEE 802.3af compliant
IEEE 802.3af PoE operation: Powered Device (PD)
PoE power input: Automatic detection and classification (power
is accepted on either the signal or unused pairs)
PoE protection: Over/under voltage lockout and inrush control
PoE transient protection: 15,000 watts peak
PoE spike protection: 5,000 watts (10 times for 10 uS)
POWER OUTPUT
Isolated power
Voltage output:
24 VDC, 0.54 Amps (24V model)
14 VDC, 0.93 Amps (UPS model) (special)
Power output: 13 watts
ENVIRONMENTAL
Operating temperature range: -40 to +75°C
(cold startup @ -40°C)
Storage temperature range: -40 to +85 °C
Humidity (non-condensing) 5 to 95% RH
Vibration, shock and freefall: IEC68-2-6, -27 and -32
STANDARDS COMPLIANCE
Electrical safety:UL508/CSA C22.2/14; EN61010-1, CE
EMI emissions: FCC part 15, ICES-003; EN61000-6-4, CE
EMC immunity: IEC61000-6-2, CE
Hazardous locations: UL1604, CSA C22.2/213 (Class I, Div. 2);
EN60079-15 (Zone 2; Category 3), CE (ATEX)
PHYSICAL
DIN rail or direct panel mounting
Packaging - Polycarbonate with IP30 protection
Weight (approximate): 0.17 Kg (0.25 lbs)
Dimensions - 4 x 1 x 3.3” (10 x 2.5 x 8.3 cm)
MTBF (estimated): >1,000,000 hours
ORDERING GUIDE
PART NUMBER
DESCRIPTION
EB-PD-24V-1
PoE splitter to power non-PoE or non-Ethernet 24 VDC dvices
EB-PD-UPS-1
(special)
PoE splitter for non-PoE 12/14 VDC devices and/or to charge a
12 VDC battery for UPS backup
ACCESSORIES
PART NUMBER
DESCRIPTION
EB-5ES-PSE-#
5 port Industrial Ethernet switch with 4 PoE ports
EB-PSE-24V-1A
PoE injector for 1 PoE port (uses unused pairs), 24V input
EB-PSE-48V-1A
PoE injector for 2 PoE port (uses unused pairs), 48V input
All specifications are subject to change. Consult factory for latest info.
POWER WIRING
MECHANICAL DRAWING



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com