Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5E-RM12-RJ45-X Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # CAT5E-RM12-RJ45-X
Description  Shielded Cat5e Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CAT5E-RM12-RJ45-X Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  CAT5E-RM12-RJ45-X Datasheet HTML 1Page - Red Lion Controls. Inc CAT5E-RM12-RJ45-X Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cat5e Cable
N-Tron Networking Series
Shielded Cat5e Cable
THE INDUSTRIAL NETWORK COMPANY
RUGGED • RELIABLE • AFFORDABLE
N-Tron's high quality shielded Cat5E cable is ideal
for industrial network installations.
FEATURES
• 4-pair unshielded twisted pair cable
• 26AWG stranded bare copper conductor
• Meets or exceeds Cat5e specications
• Ideal for 10Base-T(IEEE 802.3),
100Base-TX(IEEE 802.3u), 1000Base-TX
CAT5E SHIELDED CABLE
No. of Pair:
4 Twisted Pair
Conductor:
Construction:
26AWG (7/0.16mm)
Material:
Stranded Bare Copper
Outer Diameter: 0.49mm
Shielding:
Shielded on one end only. The shielded end
should be used at the switch end to help avoid
ground loops. See the link below for more infor-
mation.
Color Code
Twisted Pair Pitch (mm):
(1) Blue & White/Blue
11.1mm
(2) Orange &White/Orange 14.3mm
(3) Green & White/Green 9.1mm
(4) Brown & White/Brown 19.6mm
Insulation Material:
Polyethylene Plastic
Thickness
0.21mm
Outer Diameter: 0.90±0.05mm
Jacket Material:
PVC
Thickness:
0.58 mm
Outer diameter:
6.0 ± 0.2mm
Color:
Gray
Hardness Durometer: Shore A: 88A
Temperature Rating: 75°C
Conductor Resistance: 89 Ohms/KM Max. at 20°C
Insulation Resistance: 100MOhms/KMMin.at20°C
Dielectric Strength:
500V AC/1 Min.
Spark Test:
2KV in air
Product Standard Certication:
Communications Cable (meets or exceeds UL1581)
Flame Test:
Communications Cable
(meets or exceeds UL1581)
Impedance:
100±15 OHMS
(1 MHZ~100MHZ)
Marking:
E132276-A (UL) CM 75°C 4PR 26AWG
CSA LL64151-A CMG
75°C FT4 CAT.5E PATCH CORD---FTP
http://www.n-tron.com/pdf/groundingtechniques.pdf


Similar Part No. - CAT5E-RM12-RJ45-X

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
CAT5E-RD STRUCTURED-CABLE-CAT5E-RD Datasheet
673Kb / 2P
CAT5E 350 MHz 24 AWG SOLID BC 4PR, UTP
CAT5E-RD-ETL STRUCTURED-CABLE-CAT5E-RD-ETL Datasheet
782Kb / 2P
CAT5E 350 MHz 24 AWG SOLID BC 4PR UTP
More results

Similar Description - CAT5E-RM12-RJ45-X

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-RJ45GFS-R ASSMANN-A-RJ45GFS-R Datasheet
346Kb / 1P
RJ45 SHIELDED CAT5E JACK
A-MCSP-80020 ASSMANN-A-MCSP-80020 Datasheet
73Kb / 1P
Cat5e FTP Patch cable
A-MCSP-80030-Y ASSMANN-A-MCSP-80030-Y Datasheet
73Kb / 1P
Cat5e FTP Patch cable
A-MCSP-801500R-R ASSMANN-A-MCSP-801500R-R Datasheet
73Kb / 1P
Cat5e FTP Patch cable
A-MCSSP-80010-R ASSMANN-A-MCSSP-80010-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80070-R ASSMANN-A-MCSSP-80070-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSP-80030-R-AP-R ASSMANN-A-MCSP-80030-R-AP-R Datasheet
101Kb / 1P
Cat5e FTP Patch cable
A-MCSP-80020-Y ASSMANN-A-MCSP-80020-Y Datasheet
73Kb / 1P
Cat5e FTP Patch cable
A-MCSP-80010-AP-R ASSMANN-A-MCSP-80010-AP-R Datasheet
100Kb / 1P
Cat5e FTP Patch cable
logo
Electronic Components L...
CP30220S CLIFF-CP30220S Datasheet
185Kb / 1P
CAT5e RJ45 SHIELDED FEEDTHROUGH CONNECTOR
04/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com