Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5E-RM12-RJ45-X Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # CAT5E-RM12-RJ45-X
Description  Shielded Cat5e Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CAT5E-RM12-RJ45-X Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  CAT5E-RM12-RJ45-X Datasheet HTML 1Page - Red Lion Controls. Inc CAT5E-RM12-RJ45-X Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cat5e Specifications
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ADLD0250 071613 ©2013 Red Lion Controls
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
THE INDUSTRIAL NETWORK COMPANY
Signal
Signal
Signal
EIA 568A
EIA 568B
M12
Pin#
Pin#
Pin#
11
1
2
2
2
3
3
3
4
4
4
5
5
6
6
77
8
8
TX+
TX+
TX+
TX-
TX-
TX-
RX+
RX+
RX+
RX-
RX-
RX-
TRD2+
TRD2+
TRD2-
TRD2-
TRD3+
TRD3-
TRD3+
TRD3-
WireColorLegend
WireColorLegend
WireColorLegend
White/Green
White/Green
White/Green
Green
Green
Green
White/Orange
White/Orange
White/Orange
Orange
Orange
Orange
White/Blue
White/Blue
Blue
Blue
White/Brown
White/Brown
Brown
Brown
Ordering Information
Cat5e shielded twisted pair with:
CAT5E-M12-M12-X ................................................ Straight M12 to Straight M12 connector, Shielded
CAT5E-M12-RJ45-X............................................... Straight M12 to RJ45 connector, Shielded
CAT5E-M12-X ........................................................ Straight M12 to bare end, Shielded
CAT5E-RM12-M12-X.............................................. 90° M12 to Straight M12, Shielded
CAT5E-RM12-RM12-X........................................... 90° M12 to 90° M12, Shielded
CAT5E-RM12-RJ45-X ............................................ 90° M12 to RJ45 connector, Shielded
CAT5E-RM12-X...................................................... 90° M12 to bare end, Shielded
Where X=length in feet
please visit us worldwide at www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
N-TRON USA & Corporate Headquarters
820 S. University Blvd • Suite 4E
Mobile, AL 36609 • USA
Phone +1-251-342-2164
Fax
+1-251-342-6353
www.n-tron.com
N-TRON ASIA PACIFIC
CHINA
Phone
+86 (0) 21-6113-3688
Fax
+86 (0) 21-6113-3683
INDIA
Phone
+91-9844-876540
SINGAPORE
Phone
+65-8118-6821
N-TRON EMEA
Phone +41-41-740-6636
Fax
+41-41-740-6637
N-TRON UK/IRELAND/NORDIC/BENELUX
Phone +44 (0) 1928-577257
® 2011 N-TRON, Corporation. N-Tron and the N-Tron logo are trademarks of N-TRON, Corporation. Product names mentioned herein are for identification purposes only and may be
trademarks and/or registered trademarks of their respective company. Specifications subject to change without notice. The responsibility for the use and application of N-Tron products
rests with the end user. N-TRON makes no warranties as to the fitness or suitability of any N-Tron product for any specific application. N-TRON Corporation shall not be liable for any
damage resulting from the installation, use, or misuse of this product. REV 2011.06.16
RUGGED • RELIABLE • AFFORDABLE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com