Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTR2012FF Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXTR2012FF
Description  100V INPUT, 12V 30mA REGULATOR TRANSISTOR IN SOT23F
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR2012FF Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXTR2012FF Datasheet HTML 1Page - Diodes Incorporated ZXTR2012FF Datasheet HTML 2Page - Diodes Incorporated ZXTR2012FF Datasheet HTML 3Page - Diodes Incorporated ZXTR2012FF Datasheet HTML 4Page - Diodes Incorporated ZXTR2012FF Datasheet HTML 5Page - Diodes Incorporated ZXTR2012FF Datasheet HTML 6Page - Diodes Incorporated ZXTR2012FF Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZXTR2012FF
Document number: DS38199 Rev. 2 - 2
5 of 7
www.diodes.com
April 2016
© Diodes Incorporated
ZXTR2012FF
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
-5μ
0
5μ
10μ
15μ
20μ
10
20
30
40
50
60
70
80
-4μ
-2μ
0
2μ
4μ
6μ
8μ
10μ
11.0
11.5
12.0
12.5
13.0
0.1
20
40
60
80
100
-1250
-1000
-750
-500
-250
0
250
500
750
1000
1250
1500
20
40
60
80
100
-800
-400
0
400
800
1200
-50
-25
0
25
50
75
100
125
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
1200
20
30
40
50
60
70
80
90
100
-100
0
100
200
300
400
500
600
700
800
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
0
10
20
30
40
50
60
70
80
V
IN
V
IN
Input Voltage (V)
V
IN
=18 to 48V
I
OUT
= 15mA
Slew Rate=5V
/s
C
OUT
= 100nF
V
OUT
Line Transient Response
Time (s)
Time (s)
I
OUT
V
OUT
I
OUT
= 0 to 30mA
Slew Rate=1A/s
C
OUT
= 100nF
V
IN
=18V
Load Transient Response
T
J
= 125
oC
Temperature Coefficient (Note 17)
T
J
= 25
oC
T
J
= 85
oC
Load Regulation (Note 16)
V
IN
= 48V
T
J
= -55
oC
T
J
= 100
oC
I
OUT
Output Current (mA)
T
J
= 125
oC
Line Regulation (Note 15)
V
IN
Input Voltage (V)
T
J
= 100
oC
T
J
= 85
oC
T
J
= 25
oC
T
J
= -55
oC
I
OUT
= 15mA
I
OUT
= 15mA
V
IN
= 48V
Junction Temperature (
o
C)
T
J
= 125
oC
T
J
= 100
oC
T
J
= 85
oC
T
J
= 25
oC
T
J
= -55
oC
I
OUT
= 10A
Quiescent Current
Notes:
15
. Line regulation ∆VOUT = VOUT – VOUT (@ VIN = 15V, IOUT = 15mA, TJ = +25°C).
16
. Load regulation ∆VOUT = VOUT – VOUT (@ VIN = 48V, IOUT = 0.1mA, TJ = +25°C).
17
. Temperature Coefficient ∆VOUT = VOUT – VOUT (@ VIN = 48V, IOUT = 15mA, TJ = +25°C).
-5µ
0
5µ
10µ
15µ
20µ
-4µ
-2µ
0
2µ
4µ
6µ
8µ
10µ
20µ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com