Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTR2012FF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTR2012FF
Description  100V INPUT, 12V 30mA REGULATOR TRANSISTOR IN SOT23F
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR2012FF Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTR2012FF Datasheet HTML 1Page - Diodes Incorporated ZXTR2012FF Datasheet HTML 2Page - Diodes Incorporated ZXTR2012FF Datasheet HTML 3Page - Diodes Incorporated ZXTR2012FF Datasheet HTML 4Page - Diodes Incorporated ZXTR2012FF Datasheet HTML 5Page - Diodes Incorporated ZXTR2012FF Datasheet HTML 6Page - Diodes Incorporated ZXTR2012FF Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZXTR2012FF
Document number: DS38199 Rev. 2 - 2
3 of 7
www.diodes.com
April 2016
© Diodes Incorporated
ZXTR2012FF
Thermal Characteristics and Derating Information
15 20
40
60
80
100
10
100
Steady State DC
T
amb
= 25
o
C
25mm * 25mm
1oz Cu Board
15mm * 15mm
1oz Cu Board
Safe Operating Area
Input Voltage (V)
Transient Thermal Impedance
D=0.5
Pulse Width (s)
Single Pulse
T
amb
=25
oC
Pulse Power Dissipation
Pulse Width (s)
100μ
1m
10m 100m
1
10
100
1k
0
30
60
90
120
D=0.2
D=0.1
Single Pulse
D=0.05
25mm * 25mm
1oz Cu Board
100μ
1m
10m 100m
1
10
100
1k
1
10
100
25mm * 25mm
1oz Cu Board
0
50
100
150
0.0
0.5
1.0
1.5
25mm * 25mm
1oz Cu Board
15mm * 15mm
1oz Cu Board
Derating Curve
Temperature (
o
C)
100μ
1m
10m 100m
1
10
100
1k
0
50
100
150
T
amb
=25
oC
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
15mm * 15mm
1oz Cu Board
100μ
1m
10m 100m
1
10
100
1k
1
10
100
15mm * 15mm
1oz Cu Board
Single Pulse
T
amb
=25
oC
Pulse Power Dissipation
Pulse Width (s)
100µ
100µ
100µ
100µ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com