Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKLG201E Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKLG201E
Description  Overvoltage resistant design, 105?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKLG201E Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKLG201E Datasheet HTML 1Page - United Chemi-Con, Inc. EKLG201E Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Overvoltage resistant design, 105
℃
KLG
Series
・Doesn't spark with DC over voltage
・Endurance with ripple current : 2,000 hours at 105℃
・Non solvent resistant type
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃ after 1 minute)
(at 20
℃, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanδ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-25 to +105
℃
200 & 400Vdc
±20% (M)
I=0.04CV+100
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
tanδ(Max.)
Rated voltage (Vdc)
Z(-25
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for 2,000 hours at 105
℃.
Capacitance change
≦±20% of the initial value
D.F. (tanδ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±20% of the initial value
D.F . (tanδ)
≦200% of the initial specified value
Leakage current
≦500% of the initial specified value
Characteristics
200V
0.20
400V
0.24
200V
4
400V
6
◆DIMENSIONS [mm]
L'
15min.
4min.
Vent
Sleeve (PET : Brown)
Gas escape end seal
●
Terminal Code : E
φD
φd
F
φD'
L'
16
18
0.8
7.5
φD+0.5max.
L+1.5max.
◆PART NUMBERING SYSTEM
Please refer to "Product code guide (radial lead type)"
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 47µF:470,100µF:101)
Lead forming·taping code
T erminal code
Voltage code (ex. 200V:201,400V:401)
Series code
Category
E K L G A A A E A A A A A
A A A S
M
1
2
3
4
5
6
7
8
9
10
11 12 13
15 16 17
18
14
Downsized
KLG
KLJ P176
178
CAT. No. E1001N
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKLG201E

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKLG201ESS101ML25S CHEMI-CON-EKLG201ESS101ML25S Datasheet
42Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKLG201ESS101MM20S CHEMI-CON-EKLG201ESS101MM20S Datasheet
42Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKLG201ESS121MLN3S CHEMI-CON-EKLG201ESS121MLN3S Datasheet
42Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKLG201ESS121MM25S CHEMI-CON-EKLG201ESS121MM25S Datasheet
42Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKLG201ESS131MM20S CHEMI-CON-EKLG201ESS131MM20S Datasheet
42Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKLG201E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
Overvoltage Protector
logo
List of Unclassifed Man...
AX102197 ETC2-AX102197 Datasheet
124Kb / 3P
Tamper-resistant key design ??prevents intruder access
logo
E-SWITCH
PV2 E-SWITCH-PV2 Datasheet
169Kb / 1P
VANDAL RESISTANT
logo
United Chemi-Con, Inc.
EKLG401E CHEMI-CON-EKLG401E Datasheet
403Kb / 2P
Overvoltage resistant design, 105?
ELXH201VSN CHEMI-CON-ELXH201VSN Datasheet
398Kb / 2P
Long life, Overvoltage resistant design, 105?
ELXH401VSN CHEMI-CON-ELXH401VSN Datasheet
398Kb / 2P
Long life, Overvoltage resistant design, 105?
logo
List of Unclassifed Man...
TANGO-20A ETC2-TANGO-20A Datasheet
990Kb / 3P
Vandal resistant
logo
ZF Friedrichshafen AG
E72 ZFSWITCHES-E72 Datasheet
2Mb / 2P
Moisture resistant
logo
Maxim Integrated Produc...
MAX6496EVKIT MAXIM-MAX6496EVKIT Datasheet
96Kb / 4P
Selectable Overvoltage Mode and Overvoltage-Limiter Mode
Rev 0; 9/07
logo
Linx Technologies
ANT-2.4-WRT-MON LINX-ANT-2.4-WRT-MON Datasheet
462Kb / 2P
Tamper resistant
2/16/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com