Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKLG201E Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # EKLG201E
Description  Overvoltage resistant design, 105?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKLG201E Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EKLG201E Datasheet HTML 1Page - United Chemi-Con, Inc. EKLG201E Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Overvoltage resistant design, 105
℃
KLG
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(
µF)
Case size
φD
×L(mm)
tanδ
Rated ripple
current
(mArms/
105
℃,120Hz)
Part No.
200
82
16
×20
0.20
230
EKLG201E
□□820ML20S
100
16
×25
0.20
425
EKLG201E
□□101ML25S
100
18
×20
0.20
250
EKLG201E
□□101MM20S
120
16
×31.5 0.20
500
EKLG201E
□□121MLN3S
120
18
×25
0.20
475
EKLG201E
□□121MM25S
130
18
×20
0.20
285
EKLG201E
□□131MM20S
150
16
×31.5 0.20
560
EKLG201E
□□151MLN3S
150
18
×20
0.20
315
EKLG201E
□□151MM20S
150
18
×25
0.20
530
EKLG201E
□□151MM25S
180
16
×40
0.20
645
EKLG201E
□□181ML40S
180
18
×31.5 0.20
630
EKLG201E
□□181MMN3S
220
18
×35.5 0.20
725
EKLG201E
□□221MMP1S
220
18
×40
0.20
735
EKLG201E
□□221MM40S
270
18
×45
0.20
830
EKLG201E
□□271MM45S
330
18
×45
0.20
920
EKLG201E
□□331MM45S
WV
(Vdc)
Cap
(
µF)
Case size
φD
×L(mm)
Rated ripple
current
(mArms/
Part No.
400
22
16
×20
0.24
145
EKLG401E
□□220ML20S
22
16
×25
0.24
200
EKLG401E
□□220ML25S
33
16
×25
0.24
220
EKLG401E
□□330ML25S
33
18
×20
0.24
225
EKLG401E
□□330MM20S
39
16
×31.5 0.24
245
EKLG401E
□□390MLN3S
39
18
×25
0.24
250
EKLG401E
□□390MM25S
47
16
×31.5 0.24
275
EKLG401E
□□470MLN3S
47
18
×25
0.24
280
EKLG401E
□□470MM25S
56
16
×40
0.24
350
EKLG401E
□□560ML40S
56
18
×31.5 0.24
315
EKLG401E
□□560MMN3S
68
18
×35.5 0.24
350
EKLG401E
□□680MMP1S
82
18
×40
0.24
395
EKLG401E
□□820MM40S
100
18
×40
0.24
450
EKLG401E
□□101MM40S
tanδ
105
℃,120Hz)
□□ : Enter the appropriate lead forming or taping code.
◆DC OVERVOLTAGE TEST CONDITIONS
The vent will operate and the capacitor shall become an open circuit without
burning materials when the following excess DC voltage is applied.
●
Test DC voltage
●
Test circuit
AC input
SW
CX
+
–
Constant DC voltage/current power supply
Rated voltage
Nominal capacitance
200Vdc
400Vdc
Current limit
4A
<330µF
330µF
<100µF
100µF
5A
2A
4A
Test DC voltage
300/375Vdc
500/600Vdc
◆RATED RIPPLE CURRENT MULTIPLIERS
120
1.00
1.00
300
1.25
1.15
1k
1.50
1.30
10k
1.75
1.40
50k
1.80
1.50
100k
1.85
1.60
22 to 47
µF
56 to 330
µF
●
Frequency Multipliers
Capacitance (
µF)
Frequency (Hz)
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
179
CAT. No. E1001N
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com