Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1253 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1253
Description  Current-Mode PWM Controller for Off-line Power Supplie
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1253 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1253_14 Datasheet HTML 1Page - ON Semiconductor NCP1253_14 Datasheet HTML 2Page - ON Semiconductor NCP1253_14 Datasheet HTML 3Page - ON Semiconductor NCP1253_14 Datasheet HTML 4Page - ON Semiconductor NCP1253_14 Datasheet HTML 5Page - ON Semiconductor NCP1253_14 Datasheet HTML 6Page - ON Semiconductor NCP1253_14 Datasheet HTML 7Page - ON Semiconductor NCP1253_14 Datasheet HTML 8Page - ON Semiconductor NCP1253_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2014
December, 2014 − Rev. 1
1
Publication Order Number:
NCP1253/D
NCP1253
Current-Mode PWM
Controller for Off-line
Power Supplies
The NCP1253 is a highly integrated PWM controller capable of
delivering a rugged and high performance offline power supply in a
tiny TSOP−6 package. With a supply range up to 28 V, the controller
hosts a jittered 65 kHz or 100 kHz switching circuitry operated in peak
current mode control. When the power on the secondary side starts to
decrease, the controller automatically folds back its switching
frequency down to a minimum level of 26 kHz. As the power further
goes down, the part enters skip cycle while limiting the peak current.
To avoid sub harmonic oscillations in CCM operation, adjustable
slope compensation is available via the series inclusion of a simple
resistor in the current sense signal.
Besides the auto−recovery timer−based short−circuit protection, an
Over Voltage Protection on the VCC pin protects the whole circuitry in
case of optocoupler destruction or adverse open loop operation.
Features
• Fixed−Frequency 65 kHz or 100 kHz Current−Mode Control
Operation
• Frequency Foldback Down to 26 kHz and Skip−Cycle in Light Load
Conditions
• Adjustable Ramp Compensation
• Internally Fixed 4 ms soft−start
• Timer−based Auto−Recovery or Latched Short−Circuit Protection
• Frequency Jittering in Normal and Frequency Foldback Modes
• Latched OVP on VCC
• Up to 28 V VCC Operation
• Extremely Low No−load Standby Power
• These are Pb−Free Devices
Typical Applications
• Ac−dc Converters for TVs, Set−top Boxes and Printers
• Offline Adapters for Notebooks and Netbooks
PIN CONNECTIONS
1
3
CS
GND
2
NC
4
DRV
6
(Top View)
5
VCC
TSOP−6
CASE 318G
STYLE 13
MARKING
DIAGRAM
FB
www.onsemi.com
(Note: Microdot may be in either location)
1
53xAYW
G
G
1
53
= Specific Device Code
x
= A, 2, C, or D
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NCP1253_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
More results

Similar Description - NCP1253_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1250 ONSEMI-NCP1250 Datasheet
272Kb / 23P
Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1253 ONSEMI-NCP1253 Datasheet
308Kb / 15P
Current-Mode PWM Controller for Off-line Power Supplies
January, 2012 ??Rev. 0
NCP1250 ONSEMI-NCP1250_11 Datasheet
272Kb / 23P
Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251_11 Datasheet
275Kb / 24P
Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1251 ONSEMI-NCP1251_15 Datasheet
267Kb / 24P
Current-Mode PWM Controller for Off-line Power Supplies
June, 2015 ??Rev. 14
NCP12510 ONSEMI-NCP12510 Datasheet
607Kb / 27P
Current-Mode PWM Controller for Off-line Power Supplies
September, 2016 ??Rev. 1
NCP12510 ONSEMI-NCP12510_V01 Datasheet
819Kb / 28P
Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com