Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1253 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1253
Description  Current-Mode PWM Controller for Off-line Power Supplie
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1253 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1253_14 Datasheet HTML 1Page - ON Semiconductor NCP1253_14 Datasheet HTML 2Page - ON Semiconductor NCP1253_14 Datasheet HTML 3Page - ON Semiconductor NCP1253_14 Datasheet HTML 4Page - ON Semiconductor NCP1253_14 Datasheet HTML 5Page - ON Semiconductor NCP1253_14 Datasheet HTML 6Page - ON Semiconductor NCP1253_14 Datasheet HTML 7Page - ON Semiconductor NCP1253_14 Datasheet HTML 8Page - ON Semiconductor NCP1253_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NCP1253
www.onsemi.com
3
S
R
Q
Q
65 kHz
100 kHz
clock
vdd
Frequency
modulation
Vcc
Drv
Vcc logic
management
and fault timer
vdd
power
on reset
Rramp
LEB
VDD
RFB
/ 4.2
IpFlag
4 ms
SS
IpFlag
GND
CS
FB
Frequency
foldback
Vskip
The soft−start is activated during:
− the startup sequence
− the auto−recovery burst mode
Vlimit
Vfold
Clamp
20us time
constant
VOVP
VFB < 1.05 V ? setpoint = 250 mV
250 mV
peak current
freeze
UVLO
BO
Power on
reset
S
R
Q
Q
Rlim
Figure 2. Internal Circuit Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com