Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3061 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS3061
Description  LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3061 Datasheet(HTML) 1 Page - Texas Instruments

  THS3061 Datasheet HTML 1Page - Texas Instruments THS3061 Datasheet HTML 2Page - Texas Instruments THS3061 Datasheet HTML 3Page - Texas Instruments THS3061 Datasheet HTML 4Page - Texas Instruments THS3061 Datasheet HTML 5Page - Texas Instruments THS3061 Datasheet HTML 6Page - Texas Instruments THS3061 Datasheet HTML 7Page - Texas Instruments THS3061 Datasheet HTML 8Page - Texas Instruments THS3061 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
THS3061
THS3062
SLOS394A – JULY 2002 – OCTOBER 2002
LOW DISTORTION, HIGH SLEW RATE CURRENT
FEEDBACK AMPLIFIERS
FEATURES
D Unity Gain Bandwidth: 300 MHz
D 0.1 dB Bandwidth: 120 MHz (G=2)
D High Slew Rate: 7000 V/µs
D HD3 at 10 MHz: –81 dBc (G=2, RL = 150 Ω)
D High Output Current: ±145 mA into 50 Ω
D Power Supply Voltage Range: ±5 V to ±15 V
APPLICATIONS
D High-Speed Signal Processing
D Test and Measurement Systems
D VDSL Line Driver
D High-Voltage ADC Preamplifier
D Video Line Driver
DESCRIPTION
The
THS3061
(single)
and
THS3062
(dual)
are
high-voltage, high slew-rate current feedback amplifiers
utilizing Texas Instruments BICOM-1 process. Designed
for low-distortion with a high slew rate of 7000 V/
µs, the
THS306x amplifiers are ideally suited for applications
requiring large, linear output signals such as video line
drivers and VDSL line drivers.
The THS3061 and THS3062 provide well-regulated ac
performance characteristics with power supplies ranging
from
±5-V operation up to ±15-V supplies. Most notable,
the 0.1-dB flat bandwidth is exceedingly high, reaching
beyond 100 MHz, and the THS306x has less than 0.3 dB
of peaking in the frequency response when configured in
unity gain. The unity gain bandwidth of 300 MHz allows for
excellent distortion characteristics at 10 MHz. The
flexibility of the current feedback design allows for a
220-MHz, –3-dB bandwidth in a gain of 10 indicating
excellent performance even at high gains.
The THS306x consumes 8.3-mA per channel quiescent
current at room temperature and has the capability of
producing up to
±145 mA of output current. The THS3061
is packaged in an 8-pin SOIC and an 8-pin MSOP with
PowerPAD
. The THS3062 is available in an 8-pin SOIC
with PowerPAD and an 8-pin MSP with PowerPAD.
RELATED DEVICES AND DESCRIPTIONS
THS3001
Low Distortion Current Feedback Amplifier
THS3112
Dual Current Feedback Amplifier With 175 mA Drive
THS3122
Dual Current Feedback Amplifier With 350 mA Drive
OPA691
Wideband Current Feedback Amplifier With 350 mA
Drive
Output Step – VPP
SLEW RATE
vs
OUTPUT STEP
G = 5
VCC = ±15
Rf = 375 Ω
TA = 25°C
0
1000
2000
3000
4000
5000
6000
7000
8000
0
5
10
15
20
25
VCC = ±15
100 k
1 M
10 M
100 M
G = 1
VCC = ±15 V
VCC = ±5 V
RL = 1 kΩ
Rf = 750 Ω
VO = 2VPP
f – Frequency – Hz
2nd HD
3rd HD
HARMONIC DISTORTION
vs
FREQUENCY
–100
–90
–80
–70
–60
–50
–40
–30
–20
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - THS3061

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3061 TI1-THS3061 Datasheet
1Mb / 33P
LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3061 TI-THS3061 Datasheet
2Mb / 55P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
THS3061 TI-THS3061 Datasheet
3Mb / 53P
THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
THS3061 TI2-THS3061 Datasheet
3Mb / 56P
THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
THS30612 TI1-THS30612 Datasheet
1Mb / 37P
2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
More results

Similar Description - THS3061

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6557 PANASONIC-AN6557 Datasheet
33Kb / 3P
Dual Low Noise, High Slew Rate Operational Amplifiers
logo
Texas Instruments
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
THS4271 TI-THS4271 Datasheet
1Mb / 38P
LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
TL3474 TI-TL3474 Datasheet
359Kb / 15P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
THS3062DGNR TI1-THS3062DGNR Datasheet
1Mb / 33P
LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3061 TI1-THS3061_16 Datasheet
1Mb / 33P
LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Shenzhen Huazhimei Semi...
HM721 HMSEMI-HM721 Datasheet
2Mb / 13P
12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com