Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3202 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS3202
Description  2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3202 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS3202 Datasheet HTML 9Page - Texas Instruments THS3202 Datasheet HTML 10Page - Texas Instruments THS3202 Datasheet HTML 11Page - Texas Instruments THS3202 Datasheet HTML 12Page - Texas Instruments THS3202 Datasheet HTML 13Page - Texas Instruments THS3202 Datasheet HTML 14Page - Texas Instruments THS3202 Datasheet HTML 15Page - Texas Instruments THS3202 Datasheet HTML 16Page - Texas Instruments THS3202 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
THS3202
SLOS242D − SEPTEMBER 2002 − REVISED JANUARY 2004
www.ti.com
13
Figure 46
−95
−90
−85
−80
−75
−70
−65
−60
−55
10
60
110
160
210
260
Test Instrument Measurement Limit
VCC = ±5 V
VCC = ±6 V
VCC = ±7 V
RL = 100 Ω, G = 5,
Rf = 536 Ω,
VO = 2VPP_Envelope
∆f = 200 kHz
fc − Frequency − MHz
THS3202
IMD3
vs
FREQUENCY
VCC = ±7.5 V
Figure 47
−95
−90
−85
−80
−75
−70
020
40
60
80
G = 2
G = 5
VCC = ±5 V
RL = 100 Ω,
Rf = 536 Ω,
∆f = 200 kHz
VO = 2VPP_Envelope
fc − Frequency − MHz
THS3202
IMD3
vs
FREQUENCY
Figure 48
26
28
30
32
34
36
38
40
42
44
46
48
50
10
60
110
160
210
260
Test Instrument Measurement Limit
RL = 100 Ω,
G = 5,
Rf = 536 Ω,
VO = 2VPP_Envelope
∆f = 200 kHz
fc − Frequency − MHz
THS3202
OIP3
vs
FREQUENCY
VCC = ±5 V
VCC = ±6 V
VCC = ±7 V
VCC = ±7.5 V
Figure 49
35
37
39
41
43
45
47
0
2040
6080
fc − Frequency − MHz
THS3202
OIP3
vs
FREQUENCY
G = 2
G = 5
VCC = ±5 V
RL = 100 Ω,
Rf = 536 Ω,
∆f = 200 kHz
VO = 2VPP_Envelope
Figure 50
This circuit applies to figures 46
through 49
_
+
G = 5
Output Power
50
Ω
Spectrum Analyzer
50
Ω
TEST CIRCUIT FOR
IMD3 / OIP3
−120
−100
−80
−60
−40
−20
0
20
Figure 51
_
+
C
0.1 M
10 M
10 G
100 M
1 G
1 M
S12
S11
S22
VCC = ±5 V
C = 0 pF
RL = 100 Ω
G = 10
S PARAMETER
vs
FREQUENCY
f − Frequency − Hz
Figure 52
−140
−120
−100
−80
−60
−40
−20
0
20
VCC = 15 V
C = 0 pF
RL = 100 Ω
G = 10
f − Frequency − Hz
0.1 M
10 M
10 G
100 M
1 G
1 M
S PARAMETER
vs
FREQUENCY
S12
S11
S22
_
+
C
Figure 53
−140
−120
−100
−80
−60
−40
−20
0
20
f − Frequency − Hz
0.1 M
10 M
10 G
100 M
1 G
1 M
S PARAMETER
vs
FREQUENCY
S12
S11
S22
_
+
C
VCC = 15 V
C = 3 pF
RL = 100 Ω
G = 10
Figure 54
−120
−100
−80
−60
−40
−20
0
20
VCC = ±5 V
C = 3 pF
RL = 100 Ω
G = 10
f − Frequency − Hz
0.1 M
10 M
10 G
100 M
1 G
1 M
S PARAMETER
vs
FREQUENCY
S12
S11
S22
_
+
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com