Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3202 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS3202
Description  2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3202 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS3202 Datasheet HTML 17Page - Texas Instruments THS3202 Datasheet HTML 18Page - Texas Instruments THS3202 Datasheet HTML 19Page - Texas Instruments THS3202 Datasheet HTML 20Page - Texas Instruments THS3202 Datasheet HTML 21Page - Texas Instruments THS3202 Datasheet HTML 22Page - Texas Instruments THS3202 Datasheet HTML 23Page - Texas Instruments THS3202 Datasheet HTML 24Page - Texas Instruments THS3202 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
THS3202
SLOS242D − SEPTEMBER 2002 − REVISED JANUARY 2004
www.ti.com
21
PRINTED-CIRCUIT BOARD LAYOUT TECHNIQUES FOR OPTIMAL PERFORMANCE
Achieving optimum performance with high frequency amplifier-like devices in the THS320x family requires careful
attention to board layout parasitic and external component types.
Recommendations that optimize performance include:
D Minimize parasitic capacitance to any ac ground for all of the signal I/O pins. Parasitic capacitance on the output
and input pins can cause instability. To reduce unwanted capacitance, a window around the signal I/O pins should
be opened in all of the ground and power planes around those pins. Otherwise, ground and power planes should
be unbroken elsewhere on the board.
D Minimize the distance (< 0.25”) from the power supply pins to high frequency 0.1-µF and 100 pF decoupling
capacitors. At the device pins, the ground and power plane layout should not be in close proximity to the signal
I/O pins. Avoid narrow power and ground traces to minimize inductance between the pins and the decoupling
capacitors. The power supply connections should always be decoupled with these capacitors. Larger (6.8
µF
or more) tantalum decoupling capacitors, effective at lower frequency, should also be used on the main supply
pins. These may be placed somewhat farther from the device and may be shared among several devices in the
same area of the PC board. The primary goal is to minimize the impedance seen in the differential-current return
paths. For driving differential loads with the THS3202, adding a capacitor between the power supply pins
improves 2nd order harmonic distortion performance. This also minimizes the current loop formed by the
differential drive.
D Careful selection and placement of external components preserve the high frequency performance of the
THS320x family. Resistors should be a very low reactance type. Surface-mount resistors work best and allow
a tighter overall layout. Again, keep their leads and PC board trace length as short as possible. Never use
wirebound type resistors in a high frequency application. Since the output pin and inverting input pins are the most
sensitive to parasitic capacitance, always position the feedback and series output resistors, if any, as close as
possible to the inverting input pins and output pins. Other network components, such as input termination
resistors, should be placed close to the gain-setting resistors. Even with a low parasitic capacitance shunting
the external resistors, excessively high resistor values can create significant time constants that can degrade
performance. Good axial metal-film or surface-mount resistors have approximately 0.2 pF in shunt with the
resistor. For resistor values > 2.0 k
Ω, this parasitic capacitance can add a pole and/or a zero that can effect circuit
operation. Keep resistor values as low as possible, consistent with load driving considerations.
D Connections to other wideband devices on the board may be made with short direct traces or through onboard
transmission lines. For short connections, consider the trace and the input to the next device as a lumped
capacitive load. Relatively wide traces (50 mils to 100 mils) should be used, preferably with ground and power
planes opened up around them. Estimate the total capacitive load and determine if isolation resistors on the
outputs are necessary. Low parasitic capacitive loads (< 4 pF) may not need an RS since the THS320x family
is nominally compensated to operate with a 2-pF parasitic load. Higher parasitic capacitive loads without an RS
are allowed as the signal gain increases (increasing the unloaded phase margin). If a long trace is required, and
the 6-dB signal loss intrinsic to a doubly-terminated transmission line is acceptable, implement a matched
impedance transmission line using microstrip or stripline techniques (consult an ECL design handbook for
microstrip and stripline layout techniques).
A 50-
Ω environment is not necessary onboard, and in fact, a higher impedance environment improves distortion
as shown in the distortion versus load plots. With a characteristic board trace impedance based on board material
and trace dimensions, a matching series resistor into the trace from the output of the THS320x is used as well as
a terminating shunt resistor at the input of the destination device.
Remember also that the terminating impedance is the parallel combination of the shunt resistor and the input
impedance of the destination device: this total effective impedance should be set to match the trace impedance. If
the 6-dB attenuation of a doubly terminated transmission line is unacceptable, a long trace can be
series-terminated at the source end only. Treat the trace as a capacitive load in this case. This does not preserve
signal integrity as well as a doubly-terminated line. If the input impedance of the destination device is low, there is
some signal attenuation due to the voltage divider formed by the series output into the terminating impedance.
D Socketing a high speed part like the THS320x family is not recommended. The additional lead length and
pin-to-pin capacitance introduced by the socket can create an extremely troublesome parasitic network which
can make it almost impossible to achieve a smooth, stable frequency response. Best results are obtained by
soldering the THS320x family parts directly onto the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com