Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4501CD Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS4501CD
Description  WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4501CD Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS4501CD Datasheet HTML 15Page - Texas Instruments THS4501CD Datasheet HTML 16Page - Texas Instruments THS4501CD Datasheet HTML 17Page - Texas Instruments THS4501CD Datasheet HTML 18Page - Texas Instruments THS4501CD Datasheet HTML 19Page - Texas Instruments THS4501CD Datasheet HTML 20Page - Texas Instruments THS4501CD Datasheet HTML 21Page - Texas Instruments THS4501CD Datasheet HTML 22Page - Texas Instruments THS4501CD Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
THS4500
THS4501
SLOS350D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
19
TYPICAL CHARACTERISTICS (5 V Graphs)
Figure 87
−10
0
10
20
30
40
50
60
70
80
90
100
110
−1
01
2
3
45
Input Common-Mode Range − V
COMMON-MODE REJECTION RATIO
vs
INPUT COMMON-MODE RANGE
VS = 5 V
Figure 88
−150
−100
−50
0
50
100
150
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
OUTPUT DRIVE
vs
CASE TEMPERATURE
Case Temperature −
°C
VS = 5 V
Source
Sink
Figure 89
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
HARMONIC DISTORTION
vs
OUTPUT COMMON-MODE VOLTAGE
VOCM − Output Common-Mode Voltage − V
Single-Ended and
Differential Input
Gain = 1
VO = 2 VPP
Rf = 392 Ω
f= 8 MHz, VS = 5 V
HD2-Diff
HD2-SE
1 1.25 1.5 1.75 2 2.25 2.5 2.75 3 3.25 3.5
HD3-SE
and Diff
Figure 90
−3
−2
−1
0
1
2
3
4
0.1
1
10
100
1000
SMALL SIGNAL FREQUENCY RESPONSE
at VOCM
f − Frequency − MHz
Gain = 1
RL = 800 Ω
Rf = 392 Ω
PIN= −20 dBm
VS = 5 V
Figure 91
−800
−600
−400
−200
0
200
400
600
800
0 0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VOC − Output Common-Mode Voltage − V
OUTPUT OFFSET VOLTAGE
vs
OUTPUT COMMON-MODE VOLTAGE
Figure 92
0
5
10
15
20
25
0 0.25 0.5 0.75 1 1.25 1.5 1.75 2 2.25 2.5
Power-down Voltage − V
QUIESCENT CURRENT
vs
POWER-DOWN VOLTAGE
VS = 5 V
Figure 93
−1
−2
−5
0 0.5 1
2
0
100.5 101
102
103
−3
−6
−4
0
0.01
0.03
0.02
t − Time − ms
TURNON AND TURNOFF DELAY TIME
1.5
2.5 3
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com