Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4501CD Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # THS4501CD
Description  WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4501CD Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS4501CD Datasheet HTML 21Page - Texas Instruments THS4501CD Datasheet HTML 22Page - Texas Instruments THS4501CD Datasheet HTML 23Page - Texas Instruments THS4501CD Datasheet HTML 24Page - Texas Instruments THS4501CD Datasheet HTML 25Page - Texas Instruments THS4501CD Datasheet HTML 26Page - Texas Instruments THS4501CD Datasheet HTML 27Page - Texas Instruments THS4501CD Datasheet HTML 28Page - Texas Instruments THS4501CD Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
THS4500
THS4501
SLOS350D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
25
Figure 102
+
−
+
−
VOCM
14 Bit/40 MSps
IN
IN
5 V
CM
5 V
VS
10
µF 0.1 µF
THS4501
Rf
Rf
CF
CF
1
µF
Rg
Rg
RT
RS
ADS5421
0.1
µF
Using the THS4501 With the ADS5421
Riso
Riso
FULLY DIFFERENTIAL LINE DRIVERS
The THS4500 family of amplifiers can be used as
high-frequency, high-swing differential line drivers. Their
high power supply voltage rating (16.5 V absolute
maximum) allows operation on a single 12-V or a single
15-V supply. The high supply voltage, coupled with the
ability to provide differential outputs enables the ability to
drive 26 VPP into reasonably heavy loads (250 Ω or
greater). The circuit in Figure 103 illustrates the THS4500
family of devices used as high speed line drivers. For line
driver applications, close attention must be paid to thermal
design constraints due to the typically high level of power
dissipation.
Figure 103
VOCM
15 V
VS
RS
Rg
Rf
Rf
+
−
RT
−
+
Rg
CG
0.1
µF
CG
THS4500/2
VDD
CS
CS
RL
VOD = 26 VPP
Riso
Riso
Fully Differential Line Driver With High Output Swing
FILTERING WITH FULLY DIFFERENTIAL
AMPLIFIERS
Similar to their single-ended counterparts, fully differential
amplifiers have the ability to couple filtering functionality
with voltage gain. Numerous filter topologies can be based
on fully differential amplifiers. Several of these are outlined
in A Differential Circuit Collection, (literature number
SLOA064) referenced at the end of this data sheet. The
circuit below depicts a simple two-pole low-pass filter
applicable to many different types of systems. The first
pole is set by the resistors and capacitors in the feedback
paths, and the second pole is set by the isolation resistors
and the capacitor across the outputs of the isolation
resistors.
Figure 104
VS
RS
Rg1
Rf1
Rf2
+
−
RT
−
+
VO
Riso
C
CF2
CF1
Rg2
Riso
A Two-Pole, Low-Pass Filter Design Using a Fully
Differential Amplifier With Poles Located at:
P1 = (2
πRfCF)−1 in Hz and P2 = (4πRisoC)−1 in Hz
Often times, filters like these are used to eliminate
broadband noise and out-of-band distortion products in
signal acquisition systems. It should be noted that the
increased load placed on the output of the amplifier by the
second low-pass filter has a detrimental effect on the
distortion performance. The preferred method of filtering
is using the feedback network, as the typically smaller
capacitances required at these points in the circuit do not
load the amplifier nearly as heavily in the pass-band.
SETTING THE OUTPUT COMMON-MODE
VOLTAGE WITH THE VOCM INPUT
The output common-mode voltage pin provides a critical
function to the fully differential amplifier; it accepts an input
voltage and reproduces that input voltage as the output
common-mode voltage. In other words, the VOCM input
provides the ability to level-shift the outputs to any voltage
inside the output voltage swing of the amplifier.
A description of the input circuitry of the VOCM pin is shown
below to facilitate an easier understanding of the VOCM
interface requirements. The VOCM pin has two 50-kΩ
resistors between the power supply rails to set the default
output common-mode voltage to
midrail. A voltage
applied to the VOCM pin alters the output common-mode
voltage as long as the source has the ability to provide
enough current to overdrive the two 50-k
Ω resistors. This
phenomenon is depicted in the VOCM equivalent circuit
diagram. The table contains some representative
examples to aid in determining the current drive
requirement for the VOCM voltage source. This parameter
is especially important when using the reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com