Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3401 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3401
Description  DASL Digital Adapter for Subscriber Loops
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3401 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  TP3401 Datasheet HTML 1Page - National Semiconductor (TI) TP3401 Datasheet HTML 2Page - National Semiconductor (TI) TP3401 Datasheet HTML 3Page - National Semiconductor (TI) TP3401 Datasheet HTML 4Page - National Semiconductor (TI) TP3401 Datasheet HTML 5Page - National Semiconductor (TI) TP3401 Datasheet HTML 6Page - National Semiconductor (TI) TP3401 Datasheet HTML 7Page - National Semiconductor (TI) TP3401 Datasheet HTML 8Page - National Semiconductor (TI) TP3401 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin Descriptions (Continued)
Name
Description
CI
MICROWIRE control channel serial data in-
put
CO
MICROWIRE control channel serial data out-
put
CCLK
Clock input for the MICROWIRE control
channel
CS
Chip Select input which enables the MICRO-
WIRE control channel data to be shifted in
and out when pulled low When high this pin
inhibits the MICROWIRE interface
INT
Interrupt output
a latched output signal
which is normally high-impedance and goes
low to indicate a change of status of the loop
transmission system This latch is cleared
when the Status Register is read by the mi-
croprocessor
Lo
Transmit AMI signal output to the line trans-
former This pin is capable of driving a load
impedance t 60X
Li
Receive AMI signal input from the line trans-
former This is a high impedance input
Functional Description
POWER-UPPOWER-DOWN CONTROL
Following the initial application of power the DASL enters
the power-down (de-activated) state in which all the internal
circuits are inactive and in a low power state except for the
line-signal detect circuit and the necessary bias circuit the
line output Lo is in a low impedance state and all digital
outputs are inactive All bits in the Control Register power-
up initially set to ‘0’ so that the device always initializes as
the Master end Thus at the Slave end a control word must
be written through the MICROWIRE port to select Slave
mode While powered-down the Line-Signal Detect circuits
in both Master and Slave devices continually monitor the
line to enable loop transmission to be initiated from either
end
To power-up the device and initiate activation bit C6 in the
Control Register must be set high Setting C6 low de-acti-
vates the loop and powers-down the device see Table I
TABLE I Master Mode Burst
Sync Control (TP3401 Only)
MBSFSc
C6
Pin IP
State
Action
at Master
Don’t Care
0
Powered-down Line-Signal
Detect active
Open
1
Powered-up sending bursts
synchronized to FSa
4 kHz
1
Powered-up sending bursts
synchronized to MBS
LINE TRANSMIT SECTION
Alternate Mark Inversion (AMI) line coding is used on the
DASL because of its spectral efficiency and null dc energy
content All transmitted bits excluding the start bit are
scrambled by a 9-bit scrambler to provide good spectral
spreading with a strong timing content The scrambler feed-
back polynomial is
x9 a x5 a 1
Pulse shaping is obtained by means of a raised cosine
switched-capacitor filter in order to limit rf energy and
crosstalk while minimizing inter-symbol interference (isi)
Figure 3 shows the pulse shape at the Lo output while a
template for the typical power spectrum transmitted to the
line with random data is shown in
Figure 4
The line-driver output Lo is designed to drive a transformer
through a capacitor and termination resistor A 11 trans-
former terminated in 100X results in a signal amplitude of
typically 13V pk-pk on the line Over-voltage protection
must be included in the interface circuit
LINE RECEIVE SECTION
The front-end of the receive section consists of a continu-
ous anti-alias filter followed by a switched-capacitor low-
pass filter designed to limit the noise bandwidth with mini-
mum intersymbol interference To correct pulse attenuation
and distortion caused by the transmission line an AGC cir-
cuit and first-order equalizer adapt to the received pulse
shape thus restoring a ‘‘flat’’ channel response with maxi-
mum received eye opening over a wide spread of cable
attenuation characteristics
From the equalized output a DPLL (Digital Phase-Locked
Loop) recovers a low-jitter clock for optimum sampling of
the received symbols The MCLK input provides the refer-
ence clock for the DPLL at 2048 MHz At the Master end of
the loop this reference is the network clock (BCLK) which
controls all transmit functions the DPLL clock is used only
for received data sampling At the Slave end however a
2048 MHz crystal is required to generate a stable local os-
cillator which is used as a reference by the DPLL to run both
the receive and transmit sides of the DASL device
Following detection of the recovered symbols the received
data is de-scrambled by the same x9ax5a1 polynomial
and presented to the digital system interface circuit
When the device is de-activated a Line-Signal Detect circuit
remains powered-up to detect the presence of incoming
bursts if the far-end starts to activate the loop From a
‘‘cold’’ start acquisition of bit timing and equalizer conver-
gence with random scrambled data takes approximately
25 ms at each end of the loop Full loop burst synchroniza-
tion is achieved approximately 50 ms after the ‘‘activate’’
command at the originating end
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com