Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3401 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3401
Description  DASL Digital Adapter for Subscriber Loops
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3401 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TP3401 Datasheet HTML 1Page - National Semiconductor (TI) TP3401 Datasheet HTML 2Page - National Semiconductor (TI) TP3401 Datasheet HTML 3Page - National Semiconductor (TI) TP3401 Datasheet HTML 4Page - National Semiconductor (TI) TP3401 Datasheet HTML 5Page - National Semiconductor (TI) TP3401 Datasheet HTML 6Page - National Semiconductor (TI) TP3401 Datasheet HTML 7Page - National Semiconductor (TI) TP3401 Datasheet HTML 8Page - National Semiconductor (TI) TP3401 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLH9264
December 1991
TP3401 TP3402 TP3403
DASL Digital Adapter for Subscriber Loops
General Description
The TP3401 TP3402 and TP3403 are complete monolithic
transceivers for data transmission on twisted pair subscriber
loops They are built on National’s double poly microCMOS
process and require only a single a5 Volt supply Alternate
Mark Inversion (AMI) line coding in which binary ‘1’s are
alternately transmitted as a positive pulse then a negative
pulse is used to ensure low error rates in the presence of
noise with lower emi radiation than other codes such as Bi-
phase (Manchester)
Full-duplex transmission at 144 kbs is achieved on a single
twisted wire pair using a burst-mode technique (Time Com-
pression Multiplexed) Thus the device operates as an ISDN
‘U’ Interface for short loop applications typically in a PBX
environment providing transmission for 2 B channels and 1
D channel On
24 cable the range is at least 18 km
(6k ft)
System timing is based on a MasterSlave configuration
with the line card end being the Master which controls loop
timing and synchronisation All timing sequences necessary
for loop activation and de-activation are generated on-chip
Selection of Master and Slave mode operation is pro-
grammed via the Microwire Control Interface
A 2048 MHz clock which may be synchronized to the sys-
tem clock controls all transmission-related timing functions
For the TP3401 this clock must be provided from an exter-
nal source the TP3402 includes an oscillator circuit requir-
ing an external crystal The TP3403 includes the functions
of both the TP3401 and the TP3402
Features
Complete ISDN PBX 2-Wire Data Transceiver including
Y
2 B plus D channel interface for PBX U Interface
Y
144 kbs full-duplex on 1 twisted pair using Burst Mode
Y
Loop range up to 6 kft ( 24AWG)
Y
Alternate Mark Inversion coding with transmit filter and
scrambler for low emi radiation
Y
Adaptive line equalizer
Y
On-chip timing recovery no external components
Y
Standard TDM interface for B channels
Y
Separate interface for D channel
Y
2048 MHz master clock
Y
Driver for line transformer
Y
4 loop-back test modes
Y
Single a5V supply
Y
MICROWIRETM compatible serial control interface
Y
Applications in
PBX Line Cards
Terminals
Regenerators
Y
Available in both 20-pin DIP and 28-pin PLCC
Block Diagram
TLH9264 – 1
Note 1
TP3401 only
TRI-STATE
is a registered trademark of National Semiconductor Corporation
MICROWIRETM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - TP3401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP3401 TI1-TP3401 Datasheet
233Kb / 17P
DASL Digital Adapter for Subscriber Loops
TP3401 TI1-TP3401_12 Datasheet
233Kb / 17P
DASL Digital Adapter for Subscriber Loops
More results

Similar Description - TP3401

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3404 NSC-TP3404 Datasheet
212Kb / 14P
Quad Digital Adapter for Subscriber Loops (QDASL)
TP3406 NSC-TP3406 Datasheet
234Kb / 16P
DASL Digital Adapter for Subscriber Loops
logo
Advanced Micro Devices
AM79C30A AMD-AM79C30A Datasheet
1Mb / 101P
Digital Subscriber Controller??(DSC?? Circuit
logo
Mitel Networks Corporat...
MT9173 MITEL-MT9173 Datasheet
411Kb / 22P
Digital Subscriber Interface Circuit with RxSB
logo
List of Unclassifed Man...
CPF105C ETC1-CPF105C Datasheet
57Kb / 10P
Asymmetric Digital Subscriber Line
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Texas Instruments
TP3401 TI1-TP3401_12 Datasheet
233Kb / 17P
DASL Digital Adapter for Subscriber Loops
TP3404 TI1-TP3404_14 Datasheet
397Kb / 19P
TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
logo
Anaren Microwave
10012-6 ANAREN-10012-6 Datasheet
791Kb / 3P
Leveling Loops
10012-30 ANAREN-10012-30 Datasheet
231Kb / 3P
Leveling Loops
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com