Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2145IPWP Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2145IPWP
Description  3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2145IPWP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2145IPWP Datasheet HTML 2Page - Texas Instruments TPS2145IPWP Datasheet HTML 3Page - Texas Instruments TPS2145IPWP Datasheet HTML 4Page - Texas Instruments TPS2145IPWP Datasheet HTML 5Page - Texas Instruments TPS2145IPWP Datasheet HTML 6Page - Texas Instruments TPS2145IPWP Datasheet HTML 7Page - Texas Instruments TPS2145IPWP Datasheet HTML 8Page - Texas Instruments TPS2145IPWP Datasheet HTML 9Page - Texas Instruments TPS2145IPWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TPS2149
TPS2159
SLVS401 – AUGUST 2001
6
www.ti.com
TPS2149 functional block diagram
3.3 V / 200 mA
LDO
CS
Driver
Charge
Pump
Current
Limit
Thermal
Sense
CS
Driver
Thermal
Sense
Current
Limit
LDO_OUT
OUT1
OC
OUT2
VIN
EN1
EN2
GND
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
TPS2149
TPS2159
EN1
8
I
Logic level enable to transfer power to OUT1
EN1
8
EN2
7
I
Logic level enable to transfer power to OUT2
EN2
7
GND
5
5
Ground
LDO_OUT
3
3
O
LDO output
OC
6
6
O
Overcurrent status flag for OUT1 and OUT2. Open drain output.
OUT1
1
1
O
Switch 1 output
OUT2
4
4
Switch 2 output
VIN
2
2
I
Input for LDO switch 1 and switch 2; device supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com