Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2145IPWP Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2145IPWP
Description  3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2145IPWP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2145IPWP Datasheet HTML 9Page - Texas Instruments TPS2145IPWP Datasheet HTML 10Page - Texas Instruments TPS2145IPWP Datasheet HTML 11Page - Texas Instruments TPS2145IPWP Datasheet HTML 12Page - Texas Instruments TPS2145IPWP Datasheet HTML 13Page - Texas Instruments TPS2145IPWP Datasheet HTML 14Page - Texas Instruments TPS2145IPWP Datasheet HTML 15Page - Texas Instruments TPS2145IPWP Datasheet HTML 16Page - Texas Instruments TPS2145IPWP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TPS2149
TPS2159
SLVS401 – AUGUST 2001
13
www.ti.com
APPLICATION INFORMATION
overcurrent (continued)
In the second condition, the short occurs while the device is enabled. At the instant the short occurs, very high
currents may flow for a very short time before the current-limit circuit can react. After the current-limit circuit has
tripped (reached the overcurrent trip threshold), the device switches into constant-current mode.
In the third condition, the load has been gradually increased beyond the recommended operating current. The
current is permitted to rise until the current-limit threshold is reached or until the thermal limit of the device is
exceeded. The TPS2149 and TPS2159 are capable of delivering current up to the current-limit threshold without
damaging the device. Once the threshold has been reached, the device switches into its constant-current mode.
OC response
The OC open-drain output is asserted (active low) when an overcurrent condition is encountered. The output
will remain asserted until the overcurrent condition is removed. Connecting a heavy capacitive load to an
enabled device can cause momentary false overcurrent reporting from the inrush current flowing through the
device, charging the downstream capacitor. The TPS2149 and TPS2159 are designed to reduce false
overcurrent reporting. An internal overcurrent transient filter eliminates the need for external components to
remove unwanted pulses. Using low-ESR electrolytic capacitors on OUTx lowers the inrush current flow through
the device during hot-plug events by providing a low-impedance energy source, also reducing erroneous
overcurrent reporting.
power dissipation and junction temperature
The main source of power dissipation for the TPS2149 and TPS2159 comes from the internal voltage regulator
and the N-channel MOSFETs. Checking the power dissipation and junction temperature is always a good
design practice and it starts with determining the rDS(on) of the N-channel MOSFET according to the input voltage
and operating temperature. As an initial estimate, use the highest operating ambient temperature of interest and
read rDS(on) from the graphs shown in the Typical Characteristics section of this data sheet. Using this value,
the power dissipation per switch can be calculated using:
P
D + rDS(on)
I2
Multiply this number by two to get the total power dissipation coming from the N-channel MOSFETs.
The power dissipation for the internal voltage regulator is calculated using:
P
D + V
I
–V
O(min)
I
O
The total power dissipation for the device becomes:
P
D(total) + P
D(voltage regulator) )
2
P
D(switch)
Finally, calculate the junction temperature:
T
J + PD
RqJA ) TA
Where:
TA = Ambient temperature °C
RθJA = Thermal resistance °C/W, equal to inverting the derating factor found on the power dissipation
table in this datasheet.
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com