Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51116 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116
Description  COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51116 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS51116 Datasheet HTML 9Page - Texas Instruments TPS51116 Datasheet HTML 10Page - Texas Instruments TPS51116 Datasheet HTML 11Page - Texas Instruments TPS51116 Datasheet HTML 12Page - Texas Instruments TPS51116 Datasheet HTML 13Page - Texas Instruments TPS51116 Datasheet HTML 14Page - Texas Instruments TPS51116 Datasheet HTML 15Page - Texas Instruments TPS51116 Datasheet HTML 16Page - Texas Instruments TPS51116 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.ti.com
V5IN Undervoltage Lockout (UVLO) Protection
V5IN Input Capacitor
Thermal Shutdown
TPS51116
SLUS609A – MAY 2004 – REVISED JUNE 2004
DETAILED DESCRIPTION (continued)
TPS51116 has V5IN undervoltage lock out protection (UVLO). When the V5IN voltage is lower than UVLO
threshold voltage, SMPS, VTTLDO and VTTREF are shut off. This is a non-latch protection.
Add a ceramic capacitor with a value between 1.0 µF and 4.7 µF placed close to the V5IN pin to stabilize 5 V
from any parasitic impedance from the supply.
TPS51116 monitors the temperature of itself. If the temperature exceeds the threshold value, 160
°C (typ),
SMPS, VTTLDO and VTTREF are shut off. This is a non-latch protection and the operation is resumed when the
device is cooled down by about 10
°C.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com