Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51116 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116
Description  COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51116 Datasheet(HTML) 2 Page - Texas Instruments

  TPS51116 Datasheet HTML 1Page - Texas Instruments TPS51116 Datasheet HTML 2Page - Texas Instruments TPS51116 Datasheet HTML 3Page - Texas Instruments TPS51116 Datasheet HTML 4Page - Texas Instruments TPS51116 Datasheet HTML 5Page - Texas Instruments TPS51116 Datasheet HTML 6Page - Texas Instruments TPS51116 Datasheet HTML 7Page - Texas Instruments TPS51116 Datasheet HTML 8Page - Texas Instruments TPS51116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS51116
SLUS609A – MAY 2004 – REVISED JUNE 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
PLASTIC HTTSOP PowerPAD (PWP)(1)
-40
°C to 85°C
TPS51116PWP
(1)
The PWP package is also available taped and reeled. Add an R
suffix to the device type (TPS51116PWPR)
over operating free-air temperature range unless otherwise noted
TPS51116
UNITS
VBST
-0.3 to 36
VBST wrt LL
-0.3 to 6
VIN
Input voltage range
V
CS, MODE, S3, S5, VTTSNS, VDDQSNS, V5IN, VLDOIN, VDDQSET
-0.3 to 6
PGND, VTTGND
-0.3 to 0.3
DRVH
-1.0 to 36
VOUT
Output voltage range
LL
-1.0 to 30
V
COMP, DRVL, PGOOD, VTT, VTTREF
-0.3 to 6
TA
Operating ambient temperature range
-40 to 85
°C
Tstg
Storage temperature
-55 to 150
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
TA < 25°C POWER
DERATING FACTOR
PACKAGE
TA = 85°C POWER RATING
RATING
ABOVE TA = 25°C
20-pin PWP
2.53 W
25.3 mW/
°C
1.01 W
MIN
MAX
UNIT
Supply voltage, V5IN
4.75
5.25
V
VBST, DRVH
-0.1
34
LL
-0.6
28
VLDOIN, VTT, VTTSNS, VDDQSNS
-0.1
3.6
Voltage range
V
VTTREF
-0.1
1.8
PGND, VTTGND
-0.1
0.1
S3, S5, MODE, VDDQSET, CS, COMP, PGOOD,
-0.1
5.25
DRVL
Operating free-air temperature, TA
-40
85
°C
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com