Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78D33F/PI Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KIA78D33F/PI
Description  SEMICONDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D33F/PI Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KIA78D33F/PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D33F/PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D33F/PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D33F/PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D33F/PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D33F/PI Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2009. 2. 10
5/6
KIA78D25F/PI~78D15F/PI
Revision No : 8
-100
-25
JUNCTION TEMPERATURE T ( C)
j
j
o
Fig.6 T - V (KIA78D25)
025
50
75
100
125
-50
0
50
100
150
V
=4.2V
I
=0.5A
IN
O
j
JUNCTION TEMPERATURE T ( C)
JUNCTION TEMPERATURE T ( C)
j
-100
-25
025
50
75
100
125
-50
0
50
100
150
V
=5.0V
I
=0.5A
IN
O
25
-25
-100
-50
0
50
0
100
50
75
150
100
I =0.5A
V
=5.2V
O
IN
AMBIENT TEMPERATURE Ta ( C)
0
150
50
100
3
0
6
9
15
12
THERMAL RESISTANCE
J-C
9.62
J-A
96.2
C/W
Fig.9 T - V
JUNCTION TEMPERATURE T ( C)
0
-25
j
I =1A
O
D
j
025
50
75
100
125
0.1
0.2
0.3
0.4
0.5
I =0.75A
O
I =0.5A
O
I =0.25A
O
120
80
40
0
AMBIENT TEMPERATURE Ta ( C)
12
8
4
0
160
200
16
20
24
THERMAL RESISTANCE
J-C
6.0
J-A
62.5
C/W
Fig.4
PD - Ta (F-Type : DPAK)
Fig.5
PD - Ta (PI-Type : TO-220IS)
Tc=25 C
j
o
Fig.7 T - V (KIA78D33)
j
o
Fig.8 T - V (KIA78D25)
PD2
PD1
PD2
PD1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com