Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78D33F/PI Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KIA78D33F/PI
Description  SEMICONDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D33F/PI Datasheet(HTML) 6 Page - KEC(Korea Electronics)

  KIA78D33F/PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D33F/PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D33F/PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D33F/PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D33F/PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D33F/PI Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2009. 2. 10
6/6
KIA78D25F/PI~78D15F/PI
Revision No : 8
JUNCTION TEMPERATURE T ( C)
0
-25
j
Fig.10 T - Iq
j
025
50
75
100
125
2
4
6
8
10
V
=35V
I =0
IN
O
INPUT RIPPLE FREQUENCY f (kHz)
0.1
0
10
20
30
40
50
60
70
80
110
100
I =0.5A,ei=0.5V
V =4.2V(KIA78D25)
O
IN
rms
V =5.2V(KIA78D35)
IN
OUTPUT CURRENT I
(A)
V =5.2V(KIA78D35)
V =4.2V(KIA78D25)
C
=3.3
µF
0.1
20
IN
IN
ref
rms
O
f=120Hz,ei=0.5V
0.5
1.0
30
40
50
60
70
V =5.0V(KIA78D33)
IN
V =5.0V(KIA78D33)
IN
Fig. 13 IO - VO
0
OUTPUT CURRENT l
(A)
OUT
0
KIA78D05F
V
=10V
CC
1.0
2.0
2
4
6
8
Fig.11 f - R R
.
Fig.12 I - R R
O
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com