Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA358P/F Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA358P/F
Description  SEMICONDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA358P/F Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA358P/F Datasheet HTML 1Page - KEC(Korea Electronics) KIA358P/F Datasheet HTML 2Page - KEC(Korea Electronics) KIA358P/F Datasheet HTML 3Page - KEC(Korea Electronics) KIA358P/F Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2015. 7. 20
3/4
KIA358P/F
Revision No : 5
0
0
10
20
30
40
25
50
75
100
Ta=25 C
2
020
30
CC
0
40
I
- Ta
SOURCE
V
- G
-20
20
60
40
10
0
40
30
20
10
0
80
30
120
80
160
SUPPLY VOLTAGE VCC (V)
SUPPLY VOLTAGE VCC (V)
SUPPLY VOLTAGE VCC (V)
R =20kΩ
R =2kΩ
L
L
0
40
50
60
70
100
80
60
40
20
0
1k
1M
100k
10k
100
FREQUENCY f (Hz)
CMRR - f
+
CC
I
CC
V
mA
VCC - ICC
VCC - II
3
1
4
40
Ta=0~75 C
Ta=-30 C
V
ISOURCE
+
120
120
GV - f
FREQUENCY f ( Hz)
0
100
1k
100k
10
0
20
40
60
80
100
10k
1M
140
10M
V=30V
V=10
~ 15
V
0.1μF
10mΩ
+
2
VCC
VCC
VOUT
VIN
_
_
AMBIENT TEMPERATURE Ta ( C)
_



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com