Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA358P/F Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIA358P/F
Description  SEMICONDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA358P/F Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIA358P/F Datasheet HTML 1Page - KEC(Korea Electronics) KIA358P/F Datasheet HTML 2Page - KEC(Korea Electronics) KIA358P/F Datasheet HTML 3Page - KEC(Korea Electronics) KIA358P/F Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2015. 7. 20
4/4
KIA358P/F
Revision No : 5
0
TIME t (μs)
VIN, VOUT - t
0
10
20
30
40
1
2
3
0
2
4
R
2kΩ
V =15V
L >
=
+
1
3
5
1k
FREQUENCY f (Hz)
100k
1M
OUTPUT CURRENT (SOURCE)
IOH (mA)
0
250
VOH - IOH
VOUT - t
020
30
40
10
15
20
10k
0
8
6
4
2
0
50
0
450
350
550
TIME t (μs)
INPUT
OUTPUT
10
1
2
3
4
5
V
=5V
CC
5
4
3
2
1
0
10
50
40
30
20
0
OUTPUT CURRENT (SINK)
IOL (mA)
VOL - IOL
CC
V
=5V
+
VOUT
VIN
100kΩ
7V
1kΩ
15V
VOP-P - f
_
VCC = 30V, VEE = GND
Ta=25 C, CL = 50pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com