Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA431AC Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA431AC
Description  SEMICONDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431AC Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA431AC Datasheet HTML 1Page - KEC(Korea Electronics) KIA431AC Datasheet HTML 2Page - KEC(Korea Electronics) KIA431AC Datasheet HTML 3Page - KEC(Korea Electronics) KIA431AC Datasheet HTML 4Page - KEC(Korea Electronics) KIA431AC Datasheet HTML 5Page - KEC(Korea Electronics) KIA431AC Datasheet HTML 6Page - KEC(Korea Electronics) KIA431AC Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2015. 4. 01
2/7
KIA431AC/BC Series
Revision No : 4
ORDERING INFORMATION
KIA431
Pb-Free / Halogen-Free
Packing Specification
Imin Specification
Package Type
Vref Tolerance
Packing Specification
TO-92
AT : Taping of AMMO PACK type
SOT-89
RTF : RTF type
SOT-23
RTK : RTK type
MAXIMUM RATINGS (Ta=25
℃)
(Full operating ambient temperature range applies unless otherwise noted.)
Note1) Package mounted on 99.5% Alumina 10
×8×0.6mm
ITEM
Vref Tolerance code
Imin Code
Package Code
Pb-Free / Halogen-Free
Code
Tolerance
Code
Spec.
Code
Package
P
Pb-Free
KIA431
A
±1.0%
C
0.6mA(Max)
P
TO-92
H
Halogen-Free
B
±0.5%
F
SOT-89
M
SOT-23
CHARACTERISTIC
SYMBOL
RATING
UNIT
Cathode To Anode Voltage
VKA
37
V
Cathode Current Range, Continuous
IK
-100
~150
mA
Reference Input Current Range, Continuous
Iref
-0.05
~10
mA
Operating Junction Temperature
Tj
150
Operating Temperature
Topr
-40
~85
Storage Temperature
Tstg
-65
~150
Total Power Dissipation
KIA431P
PD
700
mW
KIA431F
800
KIA431M
(Note1)
350
Thermal Resistance
KIA431P
RθJA
179
℃/W
KIA431F
156
KIA431M
(Note1)
357



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com