Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA431AC Datasheet(PDF) 7 Page - KEC(Korea Electronics)

Part # KIA431AC
Description  SEMICONDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431AC Datasheet(HTML) 7 Page - KEC(Korea Electronics)

  KIA431AC Datasheet HTML 1Page - KEC(Korea Electronics) KIA431AC Datasheet HTML 2Page - KEC(Korea Electronics) KIA431AC Datasheet HTML 3Page - KEC(Korea Electronics) KIA431AC Datasheet HTML 4Page - KEC(Korea Electronics) KIA431AC Datasheet HTML 5Page - KEC(Korea Electronics) KIA431AC Datasheet HTML 6Page - KEC(Korea Electronics) KIA431AC Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2015. 4. 01
7/7
KIA431AC/BC Series
Revision No : 4
PRECAUTION FOR USE
Lead-Free Soldering Condition.
Elements mounting styles of electronic devices are gaining in further diversification over recent years, and needs for
components are all the more expanding in varieties. Especially, surface mounting is steadily penetrating into industrial
segments as a world-wide popular technical trend. Although exposure to high temperature is inevitable during soldering
we recommend limiting the soldering temperature to low levels as shown in figure for the sake of retaining inherent
excellent reliability.
1. When employing solder reflow method
1) Soldering Condition
ⓐ Standard Condition : 250℃ (Temperature), 10±1sec. (Time)
ⓑ Peak Condition : 260±3℃
2) Recommend temperature profile
3) Precautions on heating method
When resin in kept exposed to high temperature for a long time, device reliability may be marred.
Therefore, it is essential to complete soldering in the shortest time possible to prevent temperature of resin from rising.
2. When employing halogen lamps or infrared-ray heaters
When halogen lamps or infrared-ray heaters are used, avoid direct irradiation onto resin surfaces; such devices
cause extensive localized temperature rise.
※ Please keep a reflow solder operating when Surface Mount Package s Soldering.
Time (sec)
150 C
180 C
Peak : 260 3 C
230 C
250 C
+
_
Preheating Zone
90 30sec
+
_
Reflow Zone
35 5sec
+
_
10 1sec
+
_
[Lead-Free Soldering Temperature Profile]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com