Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KID65503P/F Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KID65503P/F
Description  SEMICONDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KID65503P/F Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KID65503P/F Datasheet HTML 1Page - KEC(Korea Electronics) KID65503P/F Datasheet HTML 2Page - KEC(Korea Electronics) KID65503P/F Datasheet HTML 3Page - KEC(Korea Electronics) KID65503P/F Datasheet HTML 4Page - KEC(Korea Electronics) KID65503P/F Datasheet HTML 5Page - KEC(Korea Electronics) KID65503P/F Datasheet HTML 6Page - KEC(Korea Electronics) KID65503P/F Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2015. 6. 23
5/7
KID65501P/F~KID65507P/F
Revision No : 2
Notes : 1. Pulse Width 50
μs, Duty Cycle 10%
Output Impedance 50
Ω, t
r≦5ns, tf≦10ns
2. See below
Input Conditions
3. CL includes probe and Jig capacitance.
Type Number
R1
VIH
KID65501P/F
2.7k
Ω
3V
KID65502P/F
0
15V
KID65503P/F
0
3V
KID65504P/F
0
10V
KID65505P/F
2.7k
Ω
3V
KID65506P/F
0
3V
KID65507P/F
2.7k
Ω
3V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com