Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KID65503P/F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KID65503P/F
Description  SEMICONDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KID65503P/F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KID65503P/F Datasheet HTML 1Page - KEC(Korea Electronics) KID65503P/F Datasheet HTML 2Page - KEC(Korea Electronics) KID65503P/F Datasheet HTML 3Page - KEC(Korea Electronics) KID65503P/F Datasheet HTML 4Page - KEC(Korea Electronics) KID65503P/F Datasheet HTML 5Page - KEC(Korea Electronics) KID65503P/F Datasheet HTML 6Page - KEC(Korea Electronics) KID65503P/F Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2015. 6. 23
1/7
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 1
SINGLE DRIVER
KID65501P/F COMMON EMITTER.
KID65502P/F COMMON EMITTER.
KID65503P/F COMMON EMITTER.
KID65504P/F COMMON EMITTER.
KID65505P/F COMMON COLLECTOR.
KID65506P/F COMMON COLLECTOR.
KID65507P/F ISOLATED.
FEATURES
・Output Current : 200mA Max.
・High Voltage Outputs : 35V
・Input Compatible with Various Types of Logic
KID65501P/F
KID65505P/F
Using external resistor : General Purpose
KID65507P/F
KID65502P/F
RIN=7V Zener Diode+10.5kΩ : 14~25V P-MOS
KID65503P/F
KID65506P/F
RIN=2.7kΩ : TTL, 5V C-MOS
KID65504P/F
RIN=10.5kΩ: 6~15V P-MOS, C-MOS
DESCRIPTION :
The KID65501P/F Series are comprised of seven or five NPN Transistor
Arrays. For proper operation, the substrate (SUB) must be connected to the
most negative voltage.
KID65501P/F~
KID65507P/F
BIPOLAR LINEAR INTEGRATED CIRCUIT
MAXIMUM RATINGS (Ta=25
℃, unless otherwise noted)
*
KID65506P/F
** KID65502P/F, KID65503P/F, KID65504P/F
*** KID65501P/F, KID65505P/F, KID65507P/F
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Emitter Voltage
VCEO
35
V
Collector-Base Voltage
VCBO
50
V
Collector Current
IC
200
mA
Input Voltage
VIN*
-0.5
~+45
V
VIN**
-0.5
~+30
Input Current
IIN***
25
mA
Isolation Voltage
VSUB
35
V
GND Terminal Current
IGND
500
mA
Power
Dissipation
KID65501P
~
KID65507P
PD
1.0
W
KID65501F
~
KID65507F
0.54
Operating Temperature
Topr
-40
~85
℃
Storage Temperature
Tstg
-55
~150
℃


Similar Part No. - KID65503P/F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65503P KEC-KID65503P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KID65503P KEC-KID65503P Datasheet
935Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KID65503P/F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com