Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7145 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7145
Description  Dual Speed 10-bit Serializer/Deserializer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7145 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7145 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7145 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vitesse.com
Product Brief
Dual Speed 10-bit Serializer/Deserializer
VSC7145
General Description
Features and Benefits
• Dual Speed Operation:
- Fibre Channel: 1.06/2.12 Gb/s
- Gigabit Ethernet: 1.25 Gb/s
- InfiniBandTM: 2.5 Gb/s
• 10-bit, SSTL_2 or SSTL_3
Interface
• HSPI Interface Compliant
• ASIC-FriendlyTM Timing to the
Transmitter
• Separate Transmitter/Receiver
Rate Controls support Auto
Speed Negotiation
• No Passives needed on High
Speed Signals
• On-chip, 100 Ohm Termination
• Write Pre-Emphasis in
Transmitter
• Cable Equalization in Receiver
• Analog/Digital Signal Detection
• Flexible Reference Clock
• Single 3.3V Supply, 800mW
• 64-pin, 14 mm PQFP Package
• Pin Compatible to Agilent
HDMP-263x
The VSC7145 is a dual-speed Fibre
Channel, Gigabit Ethernet and
InfiniBand Serializer/Deserializer
(SerDes) optimized for performance
and power in an industry-standard
pinout. It accepts 10-bits of SSTL, 8B/
10B encoded transmit data, latches it
synchronously to the Transmit Byte
Clock (TBC) and serializes it onto the
SO differential output at a baud rate
which is 10, 20 or 40 times the
REFCLK frequency. The VSC7145
samples serial receive data on the SI
input, recovers the clock and data,
deserializes it onto a 10-bit SSTL bus
and outputs two recovered clocks at
1/10th or 1/20th of the baud rate. Both
disparities of the K28.5 characters are
detected and used for aligning the
serial data to the parallel output bus.
Independent speed selectors control
the transmitter and receiver separately
to support industry-standard auto-
matic speed negotiation protocols. A
combined analog/digital signal detect
circuit indicates the presence of valid
signal levels on the SI input. The
VSC7145 contains on-chip PLL
circuitry for synthesis of the bit rate
transmit clock, and extraction of the
clock from the received serial stream.
The parallel bus of the VSC7145 is
compliant with the High Speed Parallel
Interface (HSPI) standard developed
by
the
T11.2
Fibre
Channel
Committee.
InfiniBandTM/SM is a trademark and service mark of the InfiniBand Trade Association
ASIC-FriendlyTM is a trademark of Vitesse Semiconductor Corporation
Storage
Communication
Products


Similar Part No. - VSC7145

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC7140QJ VITESSE-VSC7140QJ Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
VSC7146 VITESSE-VSC7146 Datasheet
251Kb / 19P
2.5Gb/s, 20-Bit Transceiver
VSC7146RH VITESSE-VSC7146RH Datasheet
251Kb / 19P
2.5Gb/s, 20-Bit Transceiver
More results

Similar Description - VSC7145

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
48-Bit LVDS Channel Link Serializer/Deserializer
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
SN75LVDT1422 TI-SN75LVDT1422 Datasheet
253Kb / 20P
14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
22-Bit Bi-Directional Serializer/Deserializer
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
24-Bit Low-Power Serializer/Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com