Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7145 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7145
Description  Dual Speed 10-bit Serializer/Deserializer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7145 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7145 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7145 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE or
sales@vitesse.com
© Copyright 2000 Vitesse Semiconductor Corporation
and the Vitesse logo are all registered trademarks
of Vitesse Semiconductor Corporation
www.vitesse.com
Product Brief
Dual Speed 10-bit Serializer/Deserializer
VSC7145
Specifications
• Data Rate: 1.0 - 2.5 Gb/s
• REFCLK: 52.5 to 126 MHz
• Frequency Offset: +/-200 ppm
• Fast Locking: <300 data edges
• Transmitter Output: 1.0V p-p
Minimum
• Receiver Input: 200mV p-p
Minimum
• 3.3V +/- 5% Supply
• 0° - 70°C Ambient Operation
Applications
• Fibre Channel
-Host Adapters
-Hubs/Switches
-RAID systems
• Gigabit Ethernet
-NICs
-Switches
-Proprietary Uplinks
• InfiniBand
-Host Channel Adapters
-Target Channel Adapters
-Switches
• Proprietary Serial Links
Storage
Communication
Products
VSC7145 Block Diagram
Dual Speed Auto Negotiation Fibre Channel Application
SI+
SI-
R(0:9)
COMDET
ENCDET
T(0:9)
SO+
SO-
EWRAP
RBC0
RBC1
REFCLK1
RX_LOS
TBC
TXRATE
RXRATE
RBCSYNC
REFCLK0
REFRATE
EQAMP
A
Q D
10
10
Q D
QD
D Q
D Q
0
1
TXC P1
TXCAP0
0.1uF
=
Serial to
Parallel
Parallel
to Serial
Clock
Multiplier
x10/x20/x40
Comma
Detect
Clock
Recovery
Signal
Detect
106.25MHz
VSC7145
Optical
GBIC
OSCILLATOR
Protocol
Controller
1.06 / 2.12 Gb/s Link
SO+
SO-
T(0-9)
EN_CDET
EWRAP
R(0:9)
RBC0
RBC1
COMDET
REFRATE
SI +
SI -
0.1uF
TBC
TXRATE
RXRATE
RX_LOS
RBCSYNC
CAP0
CAP1
REFCLK
Product Options
VSC7145RU-30
VSC7145RU-31
VSC7145RU-34
Part Number
Low Speed I/O
Speed (Gb/s)
HS Termination
Compatibility
SSTL_2
SSTL_3
SSTL_2
1.05 - 1.26
(Half Speed)
or 2.10 - 2.52
(Full Speed)
100 Ohms
Agilent HDMP-2630
Agilent HDMP-2631
Agilent HDMP-2634



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com